Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4100H+ Datasheet (PDF) - Maxim Integrated Products

DS4100H+ Datasheet PDF - Maxim Integrated Products
Part # DS4100H+
Download  DS4100H+ Download
File Size   134.98 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 100MHz HCSL Clock Oscillator

DS4100H+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS4100H+ Datasheet PDF - Maxim Integrated Products

Part # DS4100H+
Download  DS4100H+ Click to download

File Size   134.98 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 100MHz HCSL Clock Oscillator

DS4100H+ Datasheet (HTML) - Maxim Integrated Products


DS4100H+ Product details

General Description
The DS4100H is a low-jitter 100MHz clock oscillator
with a high-speed current steering logic (HCSL) output.
It combines an AT-cut crystal, an oscillator, and a lownoise phase-locked loop (PLL) in a 5mm by 3.2mm
ceramic package. Typical phase jitter is 0.9psRMS from
12kHz to 20MHz. The device operates from a single
+3.3V supply.

Applications
PCI Express®

Features
♦ 100MHz Output Frequency
♦ 3.3V ±5% Operating Voltage
♦ HCSL Output
♦ Phase Jitter (RMS): 0.9ps Typical
♦ ±39ppm Frequency Stability Over Voltage,
Temperature, 10 Years of Aging
♦ Output-Enable (OE) Control Input
♦ 5mm x 3.2mm x 1.49mm Ceramic Package (LCCC)
♦ Pb Free/RoHS Compliant




Similar Part No. - DS4100H+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
100MHz HCSL Clock Generator
Rev 0; 11/07
More results


Similar Description - DS4100H+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
100MHz HCSL Clock Generator
Rev 0; 11/07
logo
Integrated Device Techn...
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
logo
Abracon Corporation
ASFLMX-100.000MHZ-5ABD ABRACON-ASFLMX-100.000MHZ-5ABD Datasheet
6Mb / 4P
Ultra-Low Phase Jitter HCSL SMD Clock Oscillator
04.15.15
ASVMX-100.000MHZ-5ABD ABRACON-ASVMX-100.000MHZ-5ABD Datasheet
3Mb / 4P
Ultra-Low Phase Jitter HCSL SMD Clock Oscillator
04.29.15
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
HCSL Clock Generator
May, 2017 ??Rev. 7
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
logo
AiT Semiconductor Inc.
KOH7050 AITSEMI-KOH7050 Datasheet
247Kb / 1P
HCSL CRYSTAL OSCILLATOR
logo
Renesas Technology Corp
841S101 RENESAS-841S101 Datasheet
453Kb / 24P
Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
841S102 RENESAS-841S102 Datasheet
579Kb / 26P
Crystal-to-HCSL, 100MHz PCI Express ™ Clock Synthesizer
July 7, 2016
IDT8V41S104I RENESAS-IDT8V41S104I Datasheet
631Kb / 30P
Crystal-to-HCSL 100MHz PCI EXPRESS™ Clock Synthesizer
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com