Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

841S101 Datasheet (PDF) - Renesas Technology Corp

841S101 Datasheet PDF - Renesas Technology Corp
Part # 841S101
Download  841S101 Download
File Size   453.29 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer

841S101 Datasheet (PDF)

Go To PDF Page Download Datasheet
841S101 Datasheet PDF - Renesas Technology Corp

Part # 841S101
Download  841S101 Click to download

File Size   453.29 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer

841S101 Datasheet (HTML) - Renesas Technology Corp


841S101 Product details

Features
• One 0.7V current mode differential HCSL output pair
• Crystal oscillator interface: 25MHz
• Output frequency: 100MHz
• RMS phase jitter @ 100MHz (12kHz – 20MHz): 1.23ps (typical)
• Cycle-to-cycle jitter: 20ps (maximum)
• I2C support with readback capabilities up to 400kHz
• Spread Spectrum for electromagnetic interference (EMI) reduction
• 3.3V operating supply mode
• -40°C to 85°C ambient operating temperature
• Available in a lead-free (RoHS 6) package
• PCI Express Gen 1, 2 and 3 jitter compliant
HiPerClockS™




Similar Part No. - 841S101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
841S101 RENESAS-841S101 Datasheet
524Kb / 25P
Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
841S101EGILF RENESAS-841S101EGILF Datasheet
524Kb / 25P
Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
841S101EGILFT RENESAS-841S101EGILFT Datasheet
524Kb / 25P
Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
841S101 RENESAS-841S101_V01 Datasheet
524Kb / 25P
Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
More results


Similar Description - 841S101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS845204 IDT-ICS845204 Datasheet
1Mb / 13P
CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ICS842S104 IDT-ICS842S104 Datasheet
925Kb / 21P
Crystal-to-HSTL 100MHz / 200MHz PCI Express??Clock Synthesizer
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
HCSL-Compatible Clock Generator for PCI Express
PL602-2XSC MICREL-PL602-2XSC Datasheet
345Kb / 6P
HCSL Compatible Clock Generator for PCI Express
logo
Renesas Technology Corp
841S102 RENESAS-841S102 Datasheet
579Kb / 26P
Crystal-to-HCSL, 100MHz PCI Express ™ Clock Synthesizer
July 7, 2016
842S104E RENESAS-842S104E Datasheet
590Kb / 23P
Crystal-to-HSTL, 100MHz/ 200MHz PCI Express™ Clock Synthesizer
January 4, 2016
ICS845204 RENESAS-ICS845204 Datasheet
1Mb / 14P
CRYSTAL-TO-MLVDS PCI EXPRESS™ CLOCK SYNTHESIZER W/SPREAD SPECTRUM
SEPTEMBER 25, 2007
IDT8V41S104I RENESAS-IDT8V41S104I Datasheet
631Kb / 30P
Crystal-to-HCSL 100MHz PCI EXPRESS™ Clock Synthesizer
2019
843S304I-100 RENESAS-843S304I-100 Datasheet
666Kb / 25P
Crystal-to-LVPECL 100MHz Clock Synthesizer
January 6, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com