Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS845204 Datasheet (PDF) - Renesas Technology Corp

ICS845204 Datasheet PDF - Renesas Technology Corp
Part # ICS845204
Download  ICS845204 Download
File Size   1465.13 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CRYSTAL-TO-MLVDS PCI EXPRESS™ CLOCK SYNTHESIZER W/SPREAD SPECTRUM

ICS845204 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS845204 Datasheet PDF - Renesas Technology Corp

Part # ICS845204
Download  ICS845204 Click to download

File Size   1465.13 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CRYSTAL-TO-MLVDS PCI EXPRESS™ CLOCK SYNTHESIZER W/SPREAD SPECTRUM

ICS845204 Datasheet (HTML) - Renesas Technology Corp


ICS845204 Product details

General Description
The ICS845204 is a 4 output PCI Express clock
synthesizer optimized to generate low jitter PCI
Express™ reference clocks with or without spread
spectrum modulation and is a member of the
HiPerClockS™ family of high performance clock
solutions from IDT. Spread type and amount can be configured via
the SSC control pins. Using a 25MHz, 18pF parallel resonant
crystal, the device will generate M-LVDS clocks at either 25MHz,
100MHz, 125MHz or 250MHz. The ICS845204 uses a low jitter
VCO that easily meets PCI Express jitter requirements and is
packaged in a 32-pin VFQFN package.
Features
• Four differential spread spectrum clock outputs
• Each output can be individually disabled by separate
output-enable inputs
• Crystal oscillator interface designed for 18pF,
25MHz parallel resonant crystal
• Supports the following output frequencies:
25MHz, 100MHz, 125MHz or 250MHz
• VCO range: 250MHz - 700MHz
• Supports SSC downspread at 0.05% and -0.75%, centerspread
at ±0.25% and no spread options
• Cycle-to-cycle jitter: 50ps (maximum) design target
• Period jitter, RMS: TBD
• Full 3.3V output supply mode
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages




Similar Part No. - ICS845204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS845204 IDT-ICS845204 Datasheet
1Mb / 13P
CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
More results


Similar Description - ICS845204

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Integrated Device Techn...
ICS845204 IDT-ICS845204 Datasheet
1Mb / 13P
CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
logo
Renesas Technology Corp
841S101 RENESAS-841S101 Datasheet
453Kb / 24P
Crystal-to-HCSL, 100MHz PCI Express™ Clock Synthesizer
Revision B, May 25, 2016
841S102 RENESAS-841S102 Datasheet
579Kb / 26P
Crystal-to-HCSL, 100MHz PCI Express ™ Clock Synthesizer
July 7, 2016
842S104E RENESAS-842S104E Datasheet
590Kb / 23P
Crystal-to-HSTL, 100MHz/ 200MHz PCI Express™ Clock Synthesizer
January 4, 2016
ICS841202-245 RENESAS-ICS841202-245 Datasheet
335Kb / 19P
Crystal-to-HCSL Clock Synthesizer w/Spread Spectrum
MAY 20, 2016
IDT8V41S104I RENESAS-IDT8V41S104I Datasheet
631Kb / 30P
Crystal-to-HCSL 100MHz PCI EXPRESS™ Clock Synthesizer
2019
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com