Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841202-245 Datasheet (PDF) - Renesas Technology Corp

ICS841202-245 Datasheet PDF - Renesas Technology Corp
Part # ICS841202-245
Download  ICS841202-245 Download
File Size   335.1 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-HCSL Clock Synthesizer w/Spread Spectrum

ICS841202-245 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS841202-245 Datasheet PDF - Renesas Technology Corp

Part # ICS841202-245
Download  ICS841202-245 Click to download

File Size   335.1 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-HCSL Clock Synthesizer w/Spread Spectrum

ICS841202-245 Datasheet (HTML) - Renesas Technology Corp


ICS841202-245 Product details

General Description
The ICS841202-245 is a two output clock synthesizer optimized to
generate low jitter with or without spread spectrum modulation.
Spread type and amount can be configured via the SSC control pins.
Using a 25MHz, 12pF parallel resonant crystal, the device will
generate HCSL clocks at either 25MHz, 100MHz, 125MHz or
250MHz. The ICS841202-245 uses a low jitter VCO and is packaged
in a 32-pin VFQFN package.
Features
• Two differential HCSL output pairs at: 100MHz, 125MHz or
250MHz
• HCSL outputs can be terminated to drive LVDS loads up to
175MHz
• 25MHz crystal interface
• Supports the following output frequencies: 25MHz, 100MHz,
125MHz or 250MHz
• Supports SSC downspread, centerspread and no spread options
• Cycle-to-cycle jitter: 55ps (maximum)
• Period jitter, RMS: 4.15ps (maximum)
• Full 3.3V operating supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packaging
• For functional replacement use 8T49N242i




Similar Part No. - ICS841202-245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841202AKI-245LF IDT-ICS841202AKI-245LF Datasheet
54Kb / 1P
2 HCSL OUT SYNTHESIZER
More results


Similar Description - ICS841202-245

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
ICS650-44 ICST-ICS650-44 Datasheet
176Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 080305
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Integrated Device Techn...
ICS845204 IDT-ICS845204 Datasheet
1Mb / 13P
CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
logo
Renesas Technology Corp
ICS845204 RENESAS-ICS845204 Datasheet
1Mb / 14P
CRYSTAL-TO-MLVDS PCI EXPRESS™ CLOCK SYNTHESIZER W/SPREAD SPECTRUM
SEPTEMBER 25, 2007
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com