Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384D Datasheet (PDF) - STMicroelectronics

L6384D Datasheet PDF - STMicroelectronics
Part # L6384D
Download  L6384D Download
File Size   78.23 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH-VOLTAGE HALF BRIDGE DRIVER

L6384D Datasheet (PDF)

Go To PDF Page Download Datasheet
L6384D Datasheet PDF - STMicroelectronics

Part # L6384D
Download  L6384D Click to download

File Size   78.23 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH-VOLTAGE HALF BRIDGE DRIVER

L6384D Datasheet (HTML) - STMicroelectronics


L6384D Product details

DESCRIPTION
The L6384 is an high-voltage device, manufactured with the BCD"OFF-LINE" technology. It has an Half - Bridge Driver structure that enables to drive N Channel Power MOS or IGBT. The Upper (Floating) Section is enabled to work with voltage Rail up to 600V. The Logic Inputs are CMOS/TTL compatible for ease of interfacing with controlling devices. Matched delays between Lower and Up per Section simplify high frequency operation. Dead time setting can be readily accomplished by means of an external resistor.

■ HIGH VOLTAGE RAIL UP TO 600 V
■ dV/dt IMMUNITY +- 50 V/nsec IN FULL TEMPERATURE RANGE
■ DRIVER CURRENT CAPABILITY:
   400 mA SOURCE,
   650 mA SINK
■ SWITCHING TIMES 50/30 nsec RISE/FALL WITH 1nF LOAD
■ CMOS/TTL SCHMITT TRIGGER INPUTS WITH HYSTERESIS AND PULL DOWN
■ SHUT DOWN INPUT
■ DEAD TIME SETTING
■ UNDER VOLTAGE LOCK OUT
■ INTEGRATED BOOTSTRAP DIODE
■ CLAMPING ON Vcc
■ SO8/MINIDIP PACKAGES




Similar Part No. - L6384D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
More results


Similar Description - L6384D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104 Datasheet
122Kb / 15P
High Voltage, Half Bridge Driver
March, 2008 - Rev. 2
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81734FP MITSUBISHI-M81734FP Datasheet
268Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com