Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTR1101 Datasheet (PDF) - Analog Devices

ADTR1101 Datasheet PDF - Analog Devices
Part # ADTR1101
Download  ADTR1101 Download
File Size   102.85 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8GHz to 12GHz, 5W, Front-End IC

ADTR1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADTR1101 Datasheet PDF - Analog Devices

Part # ADTR1101
Download  ADTR1101 Click to download

File Size   102.85 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8GHz to 12GHz, 5W, Front-End IC

ADTR1101 Datasheet (HTML) - Analog Devices


ADTR1101 Product details

FEATURES
► Operates from 8.0GHz to 12GHz
► 37dBm typical transmit state POUT at 8.5GHz to 11.5GHz
► 35dB typical transmit state small signal gain at 8.5GHz to
11.5GHz
► 23dB typical receive state small signal gain at 8.0GHz to
10.5GHz
► Coupled power amplifier output for power detection
► Integrated RF power detector on the transmit path
► Integrated limiter on the receive path




Similar Part No. - ADTR1101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADTR1104 AD-ADTR1104 Datasheet
104Kb / 2P
8GHz to 12GHz, 9W, Front-End IC
Rev. Sp0
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
ADTR1107 AD-ADTR1107 Datasheet
1Mb / 27P
6 GHz to 18 GHz, Front-End IC
Rev. C
ADTR1107-EVAL AD-ADTR1107-EVAL Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
ADTR1107-EVAL AD-ADTR1107-EVAL Datasheet
1Mb / 27P
6 GHz to 18 GHz, Front-End IC
Rev. C
More results


Similar Description - ADTR1101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
FM FRONT END IC
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
FM FRONT END IC
logo
List of Unclassifed Man...
U7001BG ETC1-U7001BG Datasheet
179Kb / 11P
CT2 Front End IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
FM Front End IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
GPS FRONT-END IC
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
GPS Front-end IC
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
GPS Front-end IC
logo
Pasternack Enterprises,...
PE7137 PASTERNACK-PE7137 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE: 8GHz TO 12GHz
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
FM FRONT END IC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com