Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH6R040CH Datasheet (PDF) - Rohm

RH6R040CH Datasheet PDF - Rohm
Part # RH6R040CH
Download  RH6R040CH Download
File Size   2496.73 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 150V 40A Power MOSFET

RH6R040CH Datasheet (PDF)

Go To PDF Page Download Datasheet
RH6R040CH Datasheet PDF - Rohm

Part # RH6R040CH
Download  RH6R040CH Click to download

File Size   2496.73 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 150V 40A Power MOSFET

RH6R040CH Datasheet (HTML) - Rohm


RH6R040CH Product details

lFeatures
1) Low on - resistance
2) High Power small mold Package (HSMT8)
3) Pb-free plating ; RoHS compliant
4) Halogen Free
5) 100% Rg and UIS tested
lApplication
Switching
Motor drives
DC/DC converter




Similar Part No. - RH6R040CH

ManufacturerPart #DatasheetDescription
logo
Rohm
RH6R025BH ROHM-RH6R025BH Datasheet
2Mb / 13P
Nch 150V 25A Power MOSFET
20220823 - Rev.002
More results


Similar Description - RH6R040CH

ManufacturerPart #DatasheetDescription
logo
Rohm
RS1E150GN ROHM-RS1E150GN Datasheet
2Mb / 13P
Nch 30V 40A Power MOSFET
RSJ400N10 ROHM-RSJ400N10 Datasheet
1Mb / 16P
Nch 100V 40A Power MOSFET
RS6R035BH ROHM-RS6R035BH Datasheet
2Mb / 13P
Nch 150V 35A Power MOSFET
20220715 - Rev.002
RS6R060BH ROHM-RS6R060BH Datasheet
2Mb / 13P
Nch 150V 60A Power MOSFET
20220603 - Rev.002
RH6R025BH ROHM-RH6R025BH Datasheet
2Mb / 13P
Nch 150V 25A Power MOSFET
20220823 - Rev.002
RD3R05BBH ROHM-RD3R05BBH Datasheet
2Mb / 13P
Nch 150V 50A Power MOSFET
20221109 - Rev.002
RX3R05BBH ROHM-RX3R05BBH Datasheet
2Mb / 13P
Nch 150V 50A Power MOSFET
20221109 - Rev.002
RX3R10BBH ROHM-RX3R10BBH Datasheet
2Mb / 13P
Nch 150V 105A Power MOSFET
20221109 - Rev.002
RD3R02BBH ROHM-RD3R02BBH Datasheet
2Mb / 13P
Nch 150V 20A Power MOSFET
20221122 - Rev.002
RJ1R10BBH ROHM-RJ1R10BBH Datasheet
2Mb / 13P
Nch 150V 105A Power MOSFET
20230531 - Rev.004
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com