Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCO104585 Datasheet (PDF) - Glamox

PCO104585 Datasheet PDF - Glamox
Part # PCO104585
Download  PCO104585 Download
File Size   175.83 Kbytes
Page   2 Pages
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox
Description PACO-70 WH 1400 DALI930 50°

PCO104585 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCO104585 Datasheet PDF - Glamox

Part # PCO104585
Download  PCO104585 Click to download

File Size   175.83 Kbytes
Page   2 Pages
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox
Description PACO-70 WH 1400 DALI930 50°

PCO104585 Datasheet (HTML) - Glamox




Similar Part No. - PCO104585

ManufacturerPart #DatasheetDescription
logo
Glamox
PCO104581 GLAMOX-PCO104581 Datasheet
170Kb / 2P
PACO-70 WH 1400 DALI930 20°
PCO104583 GLAMOX-PCO104583 Datasheet
170Kb / 2P
PACO-70 WH 1400 DALI940 20°
PCO104584 GLAMOX-PCO104584 Datasheet
170Kb / 2P
PACO-70 BL 1400 DALI 93050°
PCO104586 GLAMOX-PCO104586 Datasheet
170Kb / 2P
PACO-70 BL 1400 DALI 94050°
PCO104587 GLAMOX-PCO104587 Datasheet
175Kb / 2P
PACO-70 WH 1400 DALI940 50°
More results


Similar Description - PCO104585

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
2N4361-2N4371 POWEREX-2N4361-2N4371 Datasheet
796Kb / 4P
Phase Control SCR 70 Amoeres Average(110 RMS) 1400 Volts
CM50DY-28H POWEREX-CM50DY-28H Datasheet
58Kb / 4P
Dual IGBTMOD 50 Amperes/1400 Volts
CM50TF-28H POWEREX-CM50TF-28H Datasheet
67Kb / 4P
Six-IGBT IGBTMOD 50 Amperes/1400 Volts
logo
Weidmuller
2663340000 WEIDMULLER-2663340000 Datasheet
141Kb / 4P
A2C 50/70 BL-DM
2663330000 WEIDMULLER-2663330000 Datasheet
139Kb / 4P
A2C 50/70-DM
2663320000 WEIDMULLER-2663320000 Datasheet
164Kb / 4P
A2C 50/70 3FT
2663280000 WEIDMULLER-2663280000 Datasheet
148Kb / 4P
A2C 50/70 PE
2663270000 WEIDMULLER-2663270000 Datasheet
140Kb / 4P
A2C 50/70 FE
2663260000 WEIDMULLER-2663260000 Datasheet
141Kb / 4P
A2C 50/70 BL
2663250000 WEIDMULLER-2663250000 Datasheet
140Kb / 4P
A2C 50/70
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com