Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6452 Datasheet (PDF) - STMicroelectronics

L6452 Datasheet PDF - STMicroelectronics
Part # L6452
Download  L6452 Download
File Size   115.62 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 13X16 MATRIX HEAD INK JET DRIVER

L6452 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6452 Datasheet PDF - STMicroelectronics

Part # L6452
Download  L6452 Click to download

File Size   115.62 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 13X16 MATRIX HEAD INK JET DRIVER

L6452 Datasheet (HTML) - STMicroelectronics


L6452 Product details

Description
L6452 is a device designed to drive two 13x16 matrix ink jet print heads in printer applications.
The output stage is able to source simultaneously 400 mA on each of the 16 power lines (columns) with a duty cycle of 33% in normal printing and 66% in head pre-heating. On the address lines (rows), the load is only capacitive (MOS FET driving capability). The driver can control two print heads, but only one is active at a time. The address scanning counter is included and can be disabled to allow a different scanning scheme. In order to avoid output activation during the supply transient, an internal power-up system is implemented.
As supporting function, L6452 is capable of sensing the head silicon temperature and to electrically check each nozzle.
The device is also integrating a thermal protection.

Features
■ DRIVES TWO 13X16 MATRIX HEADS
■ HEAD TEMPERATURE SENSING
■ POWER UP SYSTEM
■ ELECTRICAL NOZZLE CHECK
■ 8 BIT A/D
■ 5 BIT D/A
■ ± 4KV ESD PROTECTED OUTPUTS




Similar Part No. - L6452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6452 STMICROELECTRONICS-L6452 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
L6452DIE8 STMICROELECTRONICS-L6452DIE8 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
More results


Similar Description - L6452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6450 STMICROELECTRONICS-L6450 Datasheet
193Kb / 9P
28 CHANNEL INK JET DRIVER
Mar-1994
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
28 CHANNEL INK JET DRIVER
May-1995
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
System Driver for Ink Jet Printers
logo
PANDUIT CORP.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
OPTIMUM LASER/INK JET
C200X100FJJ PANDUIT-C200X100FJJ Datasheet
43Kb / 1P
OPTIMUM LASER INK-JET LABELS 2.000 X 1.000
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
OPTUMUM LASER INK-JET LABELS
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com