Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6G065 Datasheet (PDF) - STMicroelectronics

STPSC6G065 Datasheet PDF - STMicroelectronics
Part # STPSC6G065
Download  STPSC6G065 Download
File Size   538.57 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 6 A high surge silicon carbide power Schottky diode

STPSC6G065 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC6G065 Datasheet PDF - STMicroelectronics

Part # STPSC6G065
Download  STPSC6G065 Click to download

File Size   538.57 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 6 A high surge silicon carbide power Schottky diode

STPSC6G065 Datasheet (HTML) - STMicroelectronics


STPSC6G065 Product details

Features
• No reverse recovery charge in application current range
• Switching behavior independent of temperature
• High forward surge capability
• Operating Tj from -55 °C to 175 °C
• ECOPACK2 compliant component




Similar Part No. - STPSC6G065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC606 STMICROELECTRONICS-STPSC606 Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC606D STMICROELECTRONICS-STPSC606D Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
logo
Inchange Semiconductor ...
STPSC606G ISC-STPSC606G Datasheet
393Kb / 2P
SiC Schottky Diode
logo
STMicroelectronics
STPSC606G-TR STMICROELECTRONICS-STPSC606G-TR Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC6C065-Y STMICROELECTRONICS-STPSC6C065-Y Datasheet
182Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
December 2016 Rev 2
More results


Similar Description - STPSC6G065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSB0665B ONSEMI-FFSB0665B Datasheet
380Kb / 6P
Silicon Carbide Schottky Diode 650 V, 6 A
August, 2020 ??Rev. 1
logo
STMicroelectronics
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSP0665A ONSEMI-FFSP0665A Datasheet
302Kb / 6P
Silicon Carbide Schottky Diode 650 V, 6 A
January, 2020 - Rev. 2
FFSD0665B-F085 ONSEMI-FFSD0665B-F085_V01 Datasheet
373Kb / 6P
Silicon Carbide Schottky Diode 650 V, 6 A
March, 2022 - Rev. 3
FFSB0665A ONSEMI-FFSB0665A_V01 Datasheet
315Kb / 6P
Silicon Carbide Schottky Diode 650 V, 6 A
November, 2021 - Rev. 5
FFSB0665B-F085 ONSEMI-FFSB0665B-F085_V01 Datasheet
332Kb / 6P
Silicon Carbide Schottky Diode 650 V, 6 A
March, 2022 - Rev. 2
logo
WOLFSPEED, INC.
C3D06065A WOLFSPEED-C3D06065A Datasheet
1Mb / 9P
3rd Generation 650 V, 6 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C6D06065A WOLFSPEED-C6D06065A Datasheet
1Mb / 9P
6th Generation 650 V, 6 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C6D06065G WOLFSPEED-C6D06065G Datasheet
1Mb / 6P
6th Generation 650 V, 6 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com