Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-804B Datasheet (PDF) - Microchip Technology

VT-804B Datasheet PDF - Microchip Technology
Part # VT-804B
Download  VT-804B Download
File Size   888.27 Kbytes
Page   15 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Temperature Compensated Crystal Oscillator

VT-804B Datasheet (PDF)

Go To PDF Page Download Datasheet
VT-804B Datasheet PDF - Microchip Technology

Part # VT-804B
Download  VT-804B Click to download

File Size   888.27 Kbytes
Page   15 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Temperature Compensated Crystal Oscillator

VT-804B Datasheet (HTML) - Microchip Technology


VT-804B Product details

Features
• Clipped Sine Wave or CMOS Output
• 10.000 MHz to 52.000 MHz Output
• ±50 ppb Temperature Stability
• Optional VCXO
• Fundamental Crystal Design
• Gold over Nickel Contact Pads
• Ceramic 5.0 mm x 3.2 mm SMD Package
• Product is Compliant to RoHS Directive and Fully
Compatible with Lead-Free Assembly
Applications
• Stratum 3
• SyncE
• 1588
• Femto Cells
• Base Stations
• IP Networking
• GPS
• Point-to-Point Radio
• Manpack Radio
• Test and Measurement
General Description
Microchip’s VT-804B temperature compensated crystal
oscillator (TCXO) is a quartz stabilized, clipped sine
wave or CMOS output, 6th order analog temperature
compensated oscillator that operates off a 2.5V to 3.3V
supply in a 5.0 mm x 3.2 mm ceramic package.




Similar Part No. - VT-804B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-804 VECTRON-VT-804 Datasheet
842Kb / 8P
Temperature Compensated Crystal Oscillator
VT-804 VECTRON-VT-804_14 Datasheet
968Kb / 8P
Temperature Compensated Crystal Oscillator
More results


Similar Description - VT-804B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com