Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-3 Datasheet (PDF) - Analog Devices

LTC1563-3 Datasheet PDF - Analog Devices
Part # LTC1563-3
Download  LTC1563-3 Download
File Size   234.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Noise, Low Distortion Active RC Quad Universal Filter

LTC1563-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1563-3 Datasheet PDF - Analog Devices

Part # LTC1563-3
Download  LTC1563-3 Click to download

File Size   234.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Noise, Low Distortion Active RC Quad Universal Filter

LTC1563-3 Datasheet (HTML) - Analog Devices


LTC1563-3 Product details

FEATURES
n Continuous Time—No Clock
n Four 2nd Order Filter Sections, 20kHz to 300kHz
Center Frequency
n Butterworth, Chebyshev, Elliptic or Equiripple
Delay Response
n Lowpass, Bandpass, Highpass Responses
n 99dB Typical S/N, ±5V Supply (Q = 1)
n 93dB Typical S/N, Single 5V Supply (Q = 1)
n Rail-to-Rail Input and Output Voltages
n DC Accurate to 3mV (Typ)
n ±0.5% Typical Center Frequency Accuracy
n “Zero-Power” Shutdown Mode
n Single or Dual Supply, 5V to 10V Total
n Resistor-Programmable fO, Q, Gain




Similar Part No. - LTC1563-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-3 LINER-LTC1563-3 Datasheet
146Kb / 12P
Active RC, 4th Order Lowpass Filter Family
LTC1563-3 LINER-LTC1563-3 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LTC1563-3 LINER-LTC1563-3 Datasheet
311Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
Analog Devices
LTC1563-3 AD-LTC1563-3 Datasheet
346Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
REV A
LTC1563-3 AD-LTC1563-3 Datasheet
183Kb / 12P
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A.
REV A
More results


Similar Description - LTC1563-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Integrated Syste...
LTC1562CN LINEAR-LTC1562CN Datasheet
319Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Technology
LT1568 LINER-LT1568_15 Datasheet
282Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com