Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15661 Datasheet (PDF) - Analog Devices

15661 Datasheet PDF - Analog Devices
Part # 15661
Download  15661 Download
File Size   135.39 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise 2.3MHz Continuous Time Lowpass Filter

15661 Datasheet (PDF)

Go To PDF Page Download Datasheet
15661 Datasheet PDF - Analog Devices

Part # 15661
Download  15661 Click to download

File Size   135.39 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise 2.3MHz Continuous Time Lowpass Filter

15661 Datasheet (HTML) - Analog Devices


15661 Product details

FEATURES
■ 7th Order, 2.3MHz Lowpass Filter in an SO-8
■ 62μVRMS Input Referred Noise
■ Operates on a Single 5V or a ±5V Supply
■ Differential Inputs and Outputs
■ Low Offset (3mV typical, 10mVMAX)
■ Adjustable Output Common Mode Voltage
■ 40dB Attenuation at 1.5 × fCUTOFF
■ Requires No External Components




Similar Part No. - 15661

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
156610 FESTO-156610 Datasheet
106Kb / 1P
Compact air cylinder
156611 FESTO-156611 Datasheet
106Kb / 1P
Compact air cylinder
156612 FESTO-156612 Datasheet
106Kb / 1P
Compact air cylinder
156613 FESTO-156613 Datasheet
107Kb / 1P
Compact air cylinder
156614 FESTO-156614 Datasheet
107Kb / 1P
Compact air cylinder
More results


Similar Description - 15661

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
Low Noise 2.3MHz Continuous Time Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5 Datasheet
173Kb / 12P
Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1565-31 LINER-LTC1565-31_15 Datasheet
188Kb / 12P
650kHz Continuous Time, Linear Phase Lowpass Filter
LT6600-15 LINER-LT6600-15_15 Datasheet
164Kb / 12P
Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com