Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF2001P Datasheet (PDF) - Texas Instruments

TRF2001P Datasheet PDF - Texas Instruments
Part # TRF2001P
Download  TRF2001P Download
File Size   1541.48 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF2001P 820-1054MHz ISM Band Multiprotocol and Wi-SUN RF FEM

TRF2001P Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF2001P Datasheet PDF - Texas Instruments

Part # TRF2001P
Download  TRF2001P Click to download

File Size   1541.48 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF2001P 820-1054MHz ISM Band Multiprotocol and Wi-SUN RF FEM

TRF2001P Datasheet (HTML) - Texas Instruments


TRF2001P Product details

1 Features
• 820MHz to 1054MHz RF front end module
• Transmit (TX):
– Saturated output power (PSAT): 27.5dBm (3.3V)
– PA gain: 24dB
– PAE: 42.2% at 27dBm
– HD2 / HD3: –56dBc / –70dBc
• Receive (RX) LNA:
– Gain: 16dB
– Noise figure (NF): 1.3dB
– IP1dB: –6.7dBm
• ANT to RX_FLT insertion loss: 1.5dB
• Integrated 50Ω RF match
• Integrated linear-in-dB power detector
• Supply voltage: 3.1V to 4.25V
• Total supply current at 3.3V:
– 360mA (TX PO = 27dBm)
– 65mA (TX, no RF)
– 10.3mA (RX only)
• Low sleep mode current: 0.05μA
• Operating ambient temperature range:
–40°C to 85°C

2 Applications
• 820MHz to 1054MHz wireless systems
• IEEE 802.15.4 systems
• Smart grid and smart meters:
– Electricity meters
– Water meters
– Gas meters
– Heat meters
• Smart data concentrators & collectors
• Energy infrastructure wireless communications
• Wireless building automation systems
• Wireless field transmitters & sensors
• Wireless EV charging stations

3 Description
The TRF2001P is a high-performance RF front-end
module (FEM) for low-power wireless applications
in sub-1GHz industrial, scientific, and medical (ISM)
bands operating over an 820MHz to 1054MHz
frequency range. The TRF2001P requires minimal
external BOM and includes functions such as a
range-extender power amplifier (PA) and a low noise
amplifier (LNA), transmit-receive antenna switch,
antenna port low pass filter, and a linear-in-dB RF
power detector, for a cost-effective design in a spacesaving
4.5mm × 4.5mm QFN-28 package.
The TRF2001P increases the link budget and allows
range extension in wireless systems by providing
high output power with the integrated PA, beyond the
capabilities of a WMCU or transceiver, and improves
the receiver sensitivity with a low noise figure LNA.
The integrated power detector can be used for system
calibration or to monitor the power being delivered to
the antenna. The device features fully matched, 50Ω
RF interfaces for ease of use and design flexibility.
The TRF2001P is operational over a wide, 3.1V to
4.25V supply range, with digital controls that are
compatible with 1.6V to 3.3V CMOS logic levels.




Similar Part No. - TRF2001P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2001 TI2-TRF2001 Datasheet
1Mb / 30P
TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
APRIL 2026
TRF2001VBAR TI2-TRF2001VBAR Datasheet
1Mb / 30P
TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
APRIL 2026
More results


Similar Description - TRF2001P

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2009A12T WALSIN-RFBPF2009A12T Datasheet
579Kb / 7P
ISM 2.4GHz Band RF Application
RFBPF1608060K7T WALSIN-RFBPF1608060K7T Datasheet
881Kb / 7P
5GHz ISM Band RF Application
RFBPF1608060KC8Q1C WALSIN-RFBPF1608060KC8Q1C Datasheet
836Kb / 7P
5GHz ISM Band RF Application
RFBPF1608060KFT WALSIN-RFBPF1608060KFT Datasheet
561Kb / 7P
5GHz ISM Band RF Application
RFBPF1608060KHT WALSIN-RFBPF1608060KHT Datasheet
529Kb / 7P
5GHz ISM Band RF Application
RFBPF2012090K5T WALSIN-RFBPF2012090K5T Datasheet
562Kb / 7P
5GHz ISM Band RF Application
RFBPF2012090KCT WALSIN-RFBPF2012090KCT Datasheet
572Kb / 7P
5GHz ISM band RF Application
RFBPF2012100K0T WALSIN-RFBPF2012100K0T Datasheet
577Kb / 7P
5GHz ISM Band RF Application
RFBPF2012100K3T WALSIN-RFBPF2012100K3T Datasheet
515Kb / 7P
5GHz ISM Band RF Application
RFLPF1608060AFT WALSIN-RFLPF1608060AFT Datasheet
513Kb / 7P
2.4GHz ISM Band RF Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com