Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF60 Datasheet (PDF) - Vishay Siliconix

CCF60 Datasheet PDF - Vishay Siliconix
Part # CCF60_V01
Download  CCF60 Download
File Size   82.2 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Metal Film Resistors, Industrial, ± 1 % Tolerance

CCF60 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCF60 Datasheet PDF - Vishay Siliconix

Part # CCF60_V01
Download  CCF60 Click to download

File Size   82.2 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Metal Film Resistors, Industrial, ± 1 % Tolerance

CCF60 Datasheet (HTML) - Vishay Siliconix


CCF60 Product details

FEATURES
• Power ratings: 1/2 W, 3/4 W and 1 W at + 70 °C
• ± 100 ppm/°C temperature coefficient
• Superior electrical performance
• Flame retardant epoxy conformal coating
• Standard 5 band color code marking for ease of
identification after mounting
• Tape and reel packaging for automatic
insertion (52.4 mm inside tape spacing per EIA-296-E)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.




Similar Part No. - CCF60_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF60100KFKE36 VISHAY-CCF60100KFKE36 Datasheet
161Kb / 2P
Metal Film Resistors, Industrial, 1% Tolerance
05-Oct-05
CCF60100KFKR36 VISHAY-CCF60100KFKR36 Datasheet
161Kb / 2P
Metal Film Resistors, Industrial, 1% Tolerance
05-Oct-05
CCF60100RFKE36 VISHAY-CCF60100RFKE36 Datasheet
161Kb / 2P
Metal Film Resistors, Industrial, 1% Tolerance
05-Oct-05
CCF60100RFKR36 VISHAY-CCF60100RFKR36 Datasheet
161Kb / 2P
Metal Film Resistors, Industrial, 1% Tolerance
05-Oct-05
CCF60102KFKE36 VISHAY-CCF60102KFKE36 Datasheet
161Kb / 2P
Metal Film Resistors, Industrial, 1% Tolerance
05-Oct-05
More results


Similar Description - CCF60_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
Metal Film Resistors, Industrial, 1%, 5% Tolerance
19-Aug-04
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
Metal Film Resistors, Industrial, 1% Tolerance
05-Oct-05
logo
Vaishali Semiconductor
CCF07 VAISH-CCF07 Datasheet
233Kb / 3P
Metal Film Resistors, Industrial, 짹 2 % and 짹 5 % Tolerance
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
Metal Film Resistors, Industrial, Precision
02-May-13
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
09-Sep-13
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
15-Nov-12
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
Metal Film Resistors, Industrial, ± 1 % Tolerance
23-Jul-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com