Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7E50 Datasheet (PDF) - 3M Electronics

7E50 Datasheet PDF - 3M Electronics
Part # 7E50
Download  7E50 Download
File Size   1300.81 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description CompactFlash™ Type I, Surface Mount

7E50 Datasheet (PDF)

Go To PDF Page Download Datasheet
7E50 Datasheet PDF - 3M Electronics

Part # 7E50
Download  7E50 Click to download

File Size   1300.81 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description CompactFlash™ Type I, Surface Mount

7E50 Datasheet (HTML) - 3M Electronics


7E50 Product details

Features
■ Meets CFA standards
■ Single row solder tails with 0.635 mm spacing
■ Board component clearance with 1.64 mm standoff
■ Ejector option for easy removal of CF Card
■ Retainer clip option permits stability for mobile and
■ high vibration applications
■ RoHS Compliant. See the Regulatory Information Appendix (RIA) in the "RoHS Compliance" section of www.3Mconnectors.com for compliance information (RIA E1 and C1 apply) Date Modified: July 25, 201 TS-0662-D Sheet 1 of 4 Physical Insulation Material: Liquid Crystal Polyester (LCP) Flammability: UL 94V-0 Color: Beige Contact Material: Copper Alloy Plating Underplating: 100 μ″ [ 2.54 μm ] Nickel Wiping Area: Gold flash over 80/20 Palladium Nickel, Lubricated (see Ordering Information) Solder Tails: Gold flash (see Ordering Information)




Similar Part No. - 7E50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7E50 3M-7E50 Datasheet
877Kb / 4P
CF Card Ejector and Latching Retainer
Jun-2015
7E50-B316-04 3M-7E50-B316-04 Datasheet
877Kb / 4P
CF Card Ejector and Latching Retainer
Jun-2015
7E50-B416-04 3M-7E50-B416-04 Datasheet
877Kb / 4P
CF Card Ejector and Latching Retainer
Jun-2015
7E50-B516-05 3M-7E50-B516-05 Datasheet
877Kb / 4P
CF Card Ejector and Latching Retainer
Jun-2015
7E50-B616-05 3M-7E50-B616-05 Datasheet
877Kb / 4P
CF Card Ejector and Latching Retainer
Jun-2015
More results


Similar Description - 7E50

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
CompactFlash?
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
CompactFlash?
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
CompactFlash Header
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
CompactFlash??Specification Standard
logo
3M Electronics
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
3M™ CF Card Header CompactFlash™ Type II, Long Guides, Surface Mount
16-Aug-2010
N7E50-Q516RA-50-WF 3M-N7E50-Q516RA-50-WF Datasheet
412Kb / 6P
Headers mate with both CompactFlash™ Type I and Type II cards
05-Nov-2007
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
CompactFlash™ Card
18-May-2004
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com