Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2078 Datasheet (PDF) - Analog Devices

MAX2078 Datasheet PDF - Analog Devices
Part # MAX2078
Download  MAX2078 Download
File Size   1341.74 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal-Channel Ultrasound Front-End with CW Doppler Mixers

MAX2078 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2078 Datasheet PDF - Analog Devices

Part # MAX2078
Download  MAX2078 Click to download

File Size   1341.74 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal-Channel Ultrasound Front-End with CW Doppler Mixers

MAX2078 Datasheet (HTML) - Analog Devices


MAX2078 Product details

Features
●● 8 Full Channels of LNA, VGA, AAF, and CWD Mixers
in a Small, 10mm x 10mm TQFN Package
●● Pin Compatible with MAX2077 with LNA, VGA, and
AAF in 10mm x 10mm TQFN Variant
●● Ultra-Low Full-Channel Noise Figure of 2.4dB at
RIN = RS = 200Ω
●● Low Output-Referred Noise of 23nV/√Hz at 5MHz,
20dB Gain, Yielding a Broadband SNR of 68dB** for
Excellent Second-Harmonic Imaging
●● High Near-Carrier SNR of 140dBc/Hz at 1kHz Offset
from a 5MHz, 1VP-P Output Signal, and 20dB of
Gain for Excellent Low-Velocity PW and Color-Flow
Doppler Sensitivity in a High-Clutter Environment
●● Ultra-Low-Power 64.8mW per Full-Channel (LNA,
VGA, and AAF) Normal Imaging Mode (234mW per
Channel in CWD Mode)
●● Selectable Active Input-Impedance Matching of 50Ω,
100Ω, 200Ω, and 1kΩ
●● Wide Input-Voltage Range of 330mVP-P in High LNA
Gain Mode and 550mVP-P in Low LNA Gain Mode
●● Integrated Selectable 3-Pole 9MHz, 10MHz, 15MHz,
and 18MHz Butterworth AAF
●● Fast-Recovery, Low-Power Modes (< 2μs)
●● Fully Integrated, High Dynamic Range CWD
Beamformer with Near-Carrier SNR of 154dBc/Hz at
1kHz Offset from a 1.25MHz, 200mVP-P Input Clutter
Signal




Similar Part No. - MAX2078

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
MAX2078 MAXIM-MAX2078 Datasheet
1Mb / 26P
Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
MAX2078CTK+ MAXIM-MAX2078CTK+ Datasheet
428Kb / 25P
Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
More results


Similar Description - MAX2078

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2038 MAXIM-MAX2038 Datasheet
326Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2077 MAXIM-MAX2077 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
Rev 0; 7/09
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
logo
Texas Instruments
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
16-Channel, Ultrasound, Analog Front-End
logo
Analog Devices
AD9674 AD-AD9674_17 Datasheet
963Kb / 48P
Octal Ultrasound Analog Front End
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com