Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7408 Datasheet (PDF) - Analog Devices

MAX7408 Datasheet PDF - Analog Devices
Part # MAX7408
Download  MAX7408 Download
File Size   190.59 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters

MAX7408 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7408 Datasheet PDF - Analog Devices

Part # MAX7408
Download  MAX7408 Click to download

File Size   190.59 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters

MAX7408 Datasheet (HTML) - Analog Devices


MAX7408 Product details

Features
 5th-Order, Elliptic Lowpass Filters
 Low Noise and Distortion: -80dB THD + Noise
 Clock-Tunable Corner Frequency (1Hz to 15kHz)
 Single-Supply Operation
+5V (MAX7408/MAX7411)
+3V (MAX7412/MAX7415)
 Low Power
1.2mA (operating mode)
0.2μA (shutdown mode)
 Available in 8-Pin μMAX/DIP Packages
 Low Output Offset: ±4mV




Similar Part No. - MAX7408

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7408 MAXIM-MAX7408 Datasheet
622Kb / 5P
MAXFILTERBRD
Rev 0; 8/09
MAX7408CPA MAXIM-MAX7408CPA Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7408CUA MAXIM-MAX7408CUA Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7408CUA+ MAXIM-MAX7408CUA+ Datasheet
622Kb / 5P
MAXFILTERBRD
Rev 0; 8/09
More results


Similar Description - MAX7408

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com