Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9989 Datasheet (PDF) - Microchip Technology

HV9989 Datasheet PDF - Microchip Technology
Part # HV9989
Download  HV9989 Download
File Size   2298.08 Kbytes
Page   21 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Three-Channel CCM/DCM Boost LED Driver

HV9989 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9989 Datasheet PDF - Microchip Technology

Part # HV9989
Download  HV9989 Click to download

File Size   2298.08 Kbytes
Page   21 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Three-Channel CCM/DCM Boost LED Driver

HV9989 Datasheet (HTML) - Microchip Technology


HV9989 Product details

• Three out-of-phase constant-current boost
converters
• Current loop closed, with sub-microsecond PWMdimming
pulses, supports PWM dimming >20 kHz
• Internal 40V linear regulator
• External clock input
• External individual reference inputs
• Individual PWM dimming inputs
• Programmable slope compensation
• +0.2A/-0.4A gate drivers
• Independent short circuit protection with hiccup
for each channel
• Latching output open-circuit protection

Applications
• LCD panel back-lighting

HV9989 is a three-channel peak current mode PWM
controller designed to drive single switch converters in
a constant-output current mode. It can be used for driving
either RGB LEDs or multiple channels of white
LEDs.
HV9989 features a proprietary PWM-dimming control
algorithm that achieves a dimming pulse of a few hundred
nanoseconds from a Continuous-Conduction
Mode (CCM) or Discontinuous-Conduction Mode
(DCM) boost converter, while maintaining the instantaneous
LED constant current determined by the external
reference voltage input. This feature permits a dimming
frequency outside of the audible range, and can also
yield a wide dimming ratio in excess of 10,000:1 at low
dimming frequency. Each of the three channels features
individual PWM-dimming and reference voltage
inputs.
The switching frequencies of the three converters are
controlled by an external clock signal, such that the
channels operate at a switching frequency of 1/12th the
external clock frequency, and are positioned 120° outof-
phase to reduce the input current ripple.
HV9989 provides a full protection feature set, including
output-short and open-circuit protection, for each individual
channel that is independent from the other channels.
HV9989 is powered by a built-in 40V linear regulator.




Similar Part No. - HV9989

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
HV9989K6-G MICROCHIP-HV9989K6-G Datasheet
624Kb / 22P
Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
HV9989K6-G-M935 MICROCHIP-HV9989K6-G-M935 Datasheet
624Kb / 22P
Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
More results


Similar Description - HV9989

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
CM9330 CALMIRCO-CM9330 Datasheet
263Kb / 10P
Asymmetrical High Efficiency Three Channel Boost LED Driver
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
Infineon Technologies A...
CCM-BOOST INFINEON-CCM-BOOST Datasheet
1Mb / 18P
CCM PFC Boost Converter Design
V1.0 January 2013
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
Three-Channel-Two-Channel Boost LED Driver
logo
ON Semiconductor
LV52207AXA ONSEMI-LV52207AXA Datasheet
2Mb / 18P
Dual channel LED Boost Driver
November 2014 - Rev. 1
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
Dual channel LED Boost Driver
July, 2014
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
logo
ON Semiconductor
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
Boost LED Driver
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com