Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9715 Datasheet (PDF) - Analog Devices

MAX9715 Datasheet PDF - Analog Devices
Part # MAX9715
Download  MAX9715 Download
File Size   343.24 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier

MAX9715 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9715 Datasheet PDF - Analog Devices

Part # MAX9715
Download  MAX9715 Click to download

File Size   343.24 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier

MAX9715 Datasheet (HTML) - Analog Devices


MAX9715 Product details

Features
♦ 5V Single-Supply Operation
♦ Spread-Spectrum Modulator Reduces EMI
♦ 2.8W, Class D, Stereo Speaker Amplifier (4Ω)
♦ Filterless Class D Requires No LC Output Filter
♦ High PSRR (71dB at 1kHz)
♦ 86% Efficiency (RL = 8Ω, POUT = 1W)
♦ Low-Power Shutdown Mode
♦ Integrated Click-and-Pop Suppression
♦ Low Total Harmonic Distortion: 0.06% at 1kHz
♦ Short-Circuit and Thermal Protection
♦ Internal Gain, +9.0dB or +10.5dB
♦ Available in Space-Saving Package
16-Pin Thin QFN-EP (5mm x 5mm x 0.8mm)




Similar Part No. - MAX9715

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
MAX9715 MAXIM-MAX9715 Datasheet
343Kb / 13P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
MAX9715ETE+ MAXIM-MAX9715ETE+ Datasheet
550Kb / 14P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
MAX9715ETE+ MAXIM-MAX9715ETE+ Datasheet
343Kb / 13P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
MAX9715EUE+ MAXIM-MAX9715EUE+ Datasheet
550Kb / 14P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
More results


Similar Description - MAX9715

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715 Datasheet
550Kb / 14P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
Rev 1; 8/05
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
2.8W Stereo Class-D Audio Power Amplifier
APA2605 ANPEC-APA2605 Datasheet
614Kb / 30P
2.8W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
logo
Shenzhenshi YONGFUKANG ...
CS3816 YONGFUKANG-CS3816 Datasheet
438Kb / 9P
2횞15W Filterless Low EMI Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com