Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT2010Y1001FST0 Datasheet (PDF) - Vishay Siliconix

PLT2010Y1001FST0 Datasheet PDF - Vishay Siliconix
Part # PLT2010Y1001FST0
Download  PLT2010Y1001FST0 Download
File Size   124.92 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance

PLT2010Y1001FST0 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLT2010Y1001FST0 Datasheet PDF - Vishay Siliconix

Part # PLT2010Y1001FST0
Download  PLT2010Y1001FST0 Click to download

File Size   124.92 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance

PLT2010Y1001FST0 Datasheet (HTML) - Vishay Siliconix


PLT2010Y1001FST0 Product details

FEATURES
• TCR of ± 5 ppm/°C standard
• Tolerances to ± 0.01 %
• Anti corrosion resistant film with (SPM) special
passivation method
• Stable film and performance characteristics
(R ± 0.04 % at 70 °C, 10 000 h)
• Non-standard resistance values available
• Very low noise and voltage coefficient 
(< -30 dB, 0.1 ppm/V)
• UL 94 V-0 flame resistant
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PLT2010Y1001FST0

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PLT20/14/2/S-3C94 FERROXCUBE-PLT20/14/2/S-3C94 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
PLT20/14/2/S-3C95 FERROXCUBE-PLT20/14/2/S-3C95 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
PLT20/14/2/S-3C96 FERROXCUBE-PLT20/14/2/S-3C96 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
PLT20/14/2/S-3F35 FERROXCUBE-PLT20/14/2/S-3F35 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
PLT20/14/2/S-3F4 FERROXCUBE-PLT20/14/2/S-3F4 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
More results


Similar Description - PLT2010Y1001FST0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
24-Aug-16
MORN VISHAY-MORN Datasheet
98Kb / 4P
Molded, Compact, 0.65 mm Pitch, Dual-In-Line Thin Film Resistor, Surface-Mount Network 0.01 % Ratio Tolerance and 1 ppm/°C TCR Tracking
09-Nov-15
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
16-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com