Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SV6050R2TP Datasheet (PDF) - Littelfuse

SV6050R2TP Datasheet PDF - Littelfuse
Part # SV6050R2TP
Download  SV6050R2TP Download
File Size   482.11 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 50 A High Junction Temoerature SCRs

SV6050R2TP Datasheet (PDF)

Go To PDF Page Download Datasheet
SV6050R2TP Datasheet PDF - Littelfuse

Part # SV6050R2TP
Download  SV6050R2TP Click to download

File Size   482.11 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 50 A High Junction Temoerature SCRs

SV6050R2TP Datasheet (HTML) - Littelfuse


SV6050R2TP Product details

Description:
This SVxx50xx high temperature SCR series is ideal for
unidirectional switch applications such as phase controls, motor
speed controls, Solid State Relays, and inrush current controls.
Standard phase control SCRs are triggered with few
milliamperes of current at less than 1.5 V potential.

Features:
■ Halogen-free and RoHScompliant
■ 150°C maximum junction
temperature
■ High dv/dt performance up
to 1000 V/μs
■ Surge capability up to 550 A
at 60 Hz half cycle
■ Mechanically and thermally
robust TO-220 clip-attach
assembly

Applications:
Typical applications are AC solid-state switches, phase controller,
voltage regulator, and inrush current limit circuit.




Similar Part No. - SV6050R2TP

ManufacturerPart #DatasheetDescription
logo
Lumberg
SV60 LUMBERG-SV60 Datasheet
560Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SV60-8 LUMBERG-SV60-8 Datasheet
539Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
logo
Littelfuse
SV6016D1RP LITTELFUSE-SV6016D1RP Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
SV6016D1TP LITTELFUSE-SV6016D1TP Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
SV6016DX LITTELFUSE-SV6016DX Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
More results


Similar Description - SV6050R2TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN1605H-6FP STMICROELECTRONICS-TN1605H-6FP Datasheet
329Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN1610H-6T STMICROELECTRONICS-TN1610H-6T Datasheet
330Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
High temperature 40 A SCRs
25-Nov-2016
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
High temperature 16 A SCRs
26-Jun-2017
TN2010H-6T STMICROELECTRONICS-TN2010H-6T Datasheet
425Kb / 9P
High temperature 20 A SCRs
August 2017 Rev 1
TN5015H-6G STMICROELECTRONICS-TN5015H-6G Datasheet
423Kb / 9P
High temperature 50 A SCRs
08-Jun-2017
TN5015H-6I STMICROELECTRONICS-TN5015H-6I Datasheet
386Kb / 13P
High temperature 50 A SCRs
08-Oct-2018
TN5015H-6T STMICROELECTRONICS-TN5015H-6T Datasheet
404Kb / 9P
High temperature 50 A SCRs
01-Jun-2017
logo
Littelfuse
SVXX25XX LITTELFUSE-SVXX25XX Datasheet
442Kb / 8P
25 Amp High Junction Temperature SCRs
06/16/21
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com