Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68127 Datasheet (PDF) - Renesas Technology Corp

ISL68127 Datasheet PDF - Renesas Technology Corp
Part # ISL68127
Download  ISL68127 Download
File Size   1836.35 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus

ISL68127 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL68127 Datasheet PDF - Renesas Technology Corp

Part # ISL68127
Download  ISL68127 Click to download

File Size   1836.35 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus

ISL68127 Datasheet (HTML) - Renesas Technology Corp


ISL68127 Product details

• Advanced linear digital modulation scheme
- Zero latency synthetic current control for excellent HF current balance
- Dual edge modulation for fastest transient response
• Auto phase add/drop for excellent load vs efficiency profile
• PMBus V1.3 support
- Telemetry: VIN, VOUT, IOUT, power IN/OUT, temperature,
and various fault status registers
- Up to 1MHz bus interface
• Flexible phase configuration
- 7+0, 6+1, 5+2, and 4+3 phase operation
- Operation using fewer than seven phases between two outputs is also supported
• Diode braking for overshoot reduction
• Differential remote voltage sensing supports ±0.5% closed
loop system accuracy over load, line, and temperature
• Highly accurate current sensing for excellent load line
regulation and accurate OCP
- Supports the ISL99227 60A smart power stage
- Supports DCR sense with integrated temperature compensation
• Comprehensive fault management enables high reliability systems
- Pulse-by-pulse phase current limiting
- Total output current protection
- Output and input OV/UV
- Open voltage sense detect
- Black box recording capability for faults
• Intuitive configuration using PowerNavigator
- NVM to store up to eight configurations
• Pb-free (RoHS compliant)




Similar Part No. - ISL68127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68127 INTERSIL-ISL68127 Datasheet
880Kb / 50P
Digital Dual Output, 7-Phase Configurable PWM
September 28, 2016
ISL68127 INTERSIL-ISL68127 Datasheet
965Kb / 53P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL68127IRAZ RENESAS-ISL68127IRAZ Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
More results


Similar Description - ISL68127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68134 INTERSIL-ISL68134_16 Datasheet
880Kb / 50P
Digital Dual Output, 7-Phase Configurable PWM
September 28, 2016
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL68144 RENESAS-ISL68144 Datasheet
2Mb / 48P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
ISL68147 RENESAS-ISL68147 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69158 RENESAS-ISL69158 Datasheet
236Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/VR13.HC/IMVP8 PWM Controller
ISL69128 RENESAS-ISL69128 Datasheet
180Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
Jan 12, 2018
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com