Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTQ-11042-C Datasheet (PDF) - Bud Industries, Inc.

PTQ-11042-C Datasheet PDF - Bud Industries, Inc.
Part # PTQ-11042-C
Download  PTQ-11042-C Download
File Size   407.08 Kbytes
Page   2 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description PTQ Series PC 10% Fiberglass Enclosure (NEW SIZES)

PTQ-11042-C Datasheet (PDF)

Go To PDF Page Download Datasheet
PTQ-11042-C Datasheet PDF - Bud Industries, Inc.

Part # PTQ-11042-C
Download  PTQ-11042-C Click to download

File Size   407.08 Kbytes
Page   2 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description PTQ Series PC 10% Fiberglass Enclosure (NEW SIZES)

PTQ-11042-C Datasheet (HTML) - Bud Industries, Inc.


PTQ-11042-C Product details

Benefits and Features
• Body Made of Gray Polycarbonate (PC) resin 10% glass fiber filled
• Cover made of Gray Polycarbonate (PC)
• High impact resistance
• IP-67 TUV rating to keep out dust and water in extreme conditions
including submersion
• UL508 / NEMA type 4X and type 6 listed #E343339.
• RoHs compliant
• UL industrial controls & CE Low Voltage directive 2006/95/EC listed
• Non-chlorinated & non-brominated flame retardant with UL-94 5VA
rating.
• Suitable for outdoor use with respect to exposure to Ultraviolet Light,
Water Exposure and Immersion in accordance with UL 746C.
• -40c to +95c extended exposure condition
• Nonmetallic captive screws without the risk of stripping.
• Good chemical resistance
• Continuous gasket
Accessories
• Steel internal mounting plate (plastic in development)
• External Mounting brackets steel or plastic
Applications
• Control Boxes
• WIFI and radio housing
• Lighting
• Access Controls
• Facilities With Wash Down Requirements
• Pharmaceutical
• Corrosive Environments
• Chemical Plants
• Pulp/Paper Mills
• General Factory Environments




Similar Part No. - PTQ-11042-C

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
PTQ-11046 BUD-PTQ-11046 Datasheet
77Kb / 1P
PTQ SERIES ENCLOSURE
2-9-15
PTQ-11046-C BUD-PTQ-11046-C Datasheet
77Kb / 1P
PTQ SERIES ENCLOSURE
2-9-15
PTQ-11048 BUD-PTQ-11048 Datasheet
124Kb / 1P
PTQ SERIES ENCLOSURE
2-9-15
PTQ-11048-C BUD-PTQ-11048-C Datasheet
124Kb / 1P
PTQ SERIES ENCLOSURE
2-9-15
More results


Similar Description - PTQ-11042-C

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
6011902 FIBOX-6011902 Datasheet
68Kb / 3P
Enclosure. PC
05.08.2022
6011931 FIBOX-6011931 Datasheet
85Kb / 3P
Enclosure. PC
05.08.2022
6012331 FIBOX-6012331 Datasheet
445Kb / 3P
Enclosure. PC
05.08.2022
6012915 FIBOX-6012915 Datasheet
69Kb / 3P
Enclosure. PC
05.08.2022
6016324 FIBOX-6016324 Datasheet
72Kb / 3P
Enclosure. PC
08.08.2022
6016334 FIBOX-6016334 Datasheet
89Kb / 3P
Enclosure. PC
08.08.2022
8724003 FIBOX-8724003 Datasheet
66Kb / 2P
Enclosure, PC
13.01.2023
8724305 FIBOX-8724305 Datasheet
444Kb / 2P
Enclosure, PC
13.01.2023
2539523 FIBOX-2539523 Datasheet
66Kb / 2P
Enclosure, PC
11.01.2023
2539555 FIBOX-2539555 Datasheet
452Kb / 2P
Enclosure, PC
11.01.2023
More results




About Bud Industries, Inc.


Bud Industries, Inc. is a manufacturer and supplier of electronic enclosures, cabinets, and accessories for a wide range of industries, including telecommunications, data storage, industrial automation, and military/aerospace. The company was founded in 1928 and is headquartered in Willoughby, Ohio, USA.

Bud Industries' product line includes a variety of enclosure types, such as metal and plastic boxes, rack-mount cabinets, and outdoor enclosures. These enclosures can be customized to meet specific requirements, such as size, shape, and material. The company also offers a range of accessories, such as mounting brackets, cable management systems, and ventilation fans.

In addition to its manufacturing capabilities, Bud Industries provides design and engineering services to help customers develop custom solutions for their unique needs. The company is known for its high-quality products, quick turnaround times, and exceptional customer service, and has received numerous awards for its innovative designs and commitment to excellence.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com