Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1002/G Datasheet (PDF) - Bulgin Limited. All rights reserved.

SA1002/G Datasheet PDF - Bulgin Limited. All rights reserved.
Part # SA1002/G
Download  SA1002/G Download
File Size   3041.36 Kbytes
Page   7 Pages
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.
Description Rectangular Power Connectors

SA1002/G Datasheet (PDF)

Go To PDF Page Download Datasheet
SA1002/G Datasheet PDF - Bulgin Limited. All rights reserved.

Part # SA1002/G
Download  SA1002/G Click to download

File Size   3041.36 Kbytes
Page   7 Pages
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.
Description Rectangular Power Connectors

SA1002/G Datasheet (HTML) - Bulgin Limited. All rights reserved.


SA1002/G Product details

2, 3, 4, 6, 8 & 12 Pole Count
Accepts size 16 Contacts
IP68
Choice of Enhanced Seal Retention (ESR),
Protective End Caps (PEC), Shrink Boot
Adapters (SBA), Welded Flange (WFL),
Terminating Resistors (TER) and a
Y-Type Connector (YTY)
Rated to 13A
Wedge-locks available for contact
retention and alignment
Accepts 14 - 20 AWG
Key Features:




Similar Part No. - SA1002/G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA100 PANJIT-SA100 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA100 WTE-SA100 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA100 BYTES-SA100 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA100 DCCOM-SA100 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA100 EIC-SA100 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA1002/G

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
Rectangular Connectors
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
Rectangular Connectors
logo
List of Unclassifed Man...
105650 ETC2-105650 Datasheet
813Kb / 7P
EPIC Rectangular Connectors
logo
fujitsu semiconductor
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
RECTANGULAR CONNECTORS
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
fujitsu semiconductor
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
FCN-363T-T011 ETC2-FCN-363T-T011 Datasheet
523Kb / 26P
RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
Rectangular Connectors
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
Rectangular Power Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com