Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97642 Datasheet (PDF) - Intersil Corporation

ISL97642 Datasheet PDF - Intersil Corporation
Part # ISL97642
Download  ISL97642 Download
File Size   308.49 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT-LCD DC/DC with Integrated Amplifiers

ISL97642 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97642 Datasheet PDF - Intersil Corporation

Part # ISL97642
Download  ISL97642 Click to download

File Size   308.49 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT-LCD DC/DC with Integrated Amplifiers

ISL97642 Datasheet (HTML) - Intersil Corporation


ISL97642 Product details

The ISL97642 integrates a high performance boost regulator with 2 LDO controllers for VON and VOFF, a VON-slice circuit with adjustable delay and three amplifiers for VCOM and VGAMMA applications.

Features
• Current mode boost regulator
    - Fast transient response
    - 1% accurate output voltage
    - 18V/2.4A integrated FET
    - >90% efficiency
• 2.6V to 5.5V VIN supply
• 2 LDO controllers for VON and VOFF
    - 2% output regulation
    - VON-slice circuit
• High speed amplifiers
    - 150mA short-circuit output current
    - 12V/μs slew rate
    - 12MHz -3dB bandwidth
    - Rail-to-rail inputs and outputs
• Built-in power sequencing
• Internal soft-start
• Multiple overload protection
• Thermal shutdown
• 32 Ld 5x5 thin QFN package
• Pb-free plus anneal available (RoHS compliant)

Applications
• TFT-LCD panels
• LCD monitors
• Notebooks
• LCD-TVs




Similar Part No. - ISL97642

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
ISL97642IRTZ RENESAS-ISL97642IRTZ Datasheet
807Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
More results


Similar Description - ISL97642

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
September 26, 2005
logo
Maxim Integrated Produc...
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
logo
Intersil Corporation
EL7640A INTERSIL-EL7640A Datasheet
457Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
May 15, 2006
ISL78020 INTERSIL-ISL78020 Datasheet
314Kb / 19P
Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 6, 2007
EL7640 INTERSIL-EL7640_06 Datasheet
497Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
February 22, 2006
ISL78020ANZ INTERSIL-ISL78020ANZ Datasheet
347Kb / 19P
Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
ISL78020 RENESAS-ISL78020 Datasheet
937Kb / 19P
Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com