Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6754 Datasheet (PDF) - Analog Devices

LTC6754 Datasheet PDF - Analog Devices
Part # LTC6754
Download  LTC6754 Download
File Size   1530.77 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs

LTC6754 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6754 Datasheet PDF - Analog Devices

Part # LTC6754
Download  LTC6754 Click to download

File Size   1530.77 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs

LTC6754 Datasheet (HTML) - Analog Devices


LTC6754 Product details

Features
nn Low Propagation Delay: 1.8ns Typ.
nn Low Overdrive Dispersion: 1ns Typ.
(10mV to 125mV Overdrive)
nn High Toggle Rate: 890Mbps Typ.
nn LVDS Compatible Output Stage
nn Rail-to-Rail Inputs Extend Beyond Both Rails
nn Low Quiescent Current: 13.4mA
nn Supply Range: 2.4V to 5.25V
nn Features within the LTC6754 Family:
nn Separate Input and Output Supplies
nn Shutdown Pin for Reduced Power
nn Output Latch and Adjustable Hysteresis
nn SC70 and 3mm × 3mm QFN Packages




Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
logo
Analog Devices
LTC6754 AD-LTC6754 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results


Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
03-Oct-2011
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com