Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4063 Datasheet (PDF) - Analog Devices

MAX4063 Datasheet PDF - Analog Devices
Part # MAX4063
Download  MAX4063 Download
File Size   227.46 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Microphone Preamplifier with Internal Bias and Complete Shutdown

MAX4063 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4063 Datasheet PDF - Analog Devices

Part # MAX4063
Download  MAX4063 Click to download

File Size   227.46 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Microphone Preamplifier with Internal Bias and Complete Shutdown

MAX4063 Datasheet (HTML) - Analog Devices


MAX4063 Product details

Features
 2.4V to 5.5V Single-Supply Operation
 Differential Inputs and Outputs
 Adjustable Gain
 High 95dB PSRR
 High 79dB CMRR
 Low-Noise, Integrated Microphone Bias
 750μA Supply Current
 0.3μA Shutdown Current
 ±4kV ESD Protection (AUX_IN)
 THD+N: 0.05% at 1kHz
 Available in Space-Saving Packages
14-Pin TSSOP
16-Pin TQFN (4mm x 4mm x 0.8mm)




Similar Part No. - MAX4063

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063 MAXIM-MAX4063 Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
404Kb / 15P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
More results


Similar Description - MAX4063

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
low noise microphone preamplifier with 2 V bias
26-Aug-2009
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
Microphone Bias and Microphone Amplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
Microphone Preamplifier
10/2016-Rev. E to Rev. F
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com