Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93007U2C Datasheet (PDF) - StarTech.com Ltd.

ST93007U2C Datasheet PDF - StarTech.com Ltd.
Part # ST93007U2C
Download  ST93007U2C Download
File Size   203.86 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 7-Port USB 3.0 Hub plus Dedicated Charging Ports - 2 x 2.4A Ports

ST93007U2C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST93007U2C Datasheet PDF - StarTech.com Ltd.

Part # ST93007U2C
Download  ST93007U2C Click to download

File Size   203.86 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 7-Port USB 3.0 Hub plus Dedicated Charging Ports - 2 x 2.4A Ports

ST93007U2C Datasheet (HTML) - StarTech.com Ltd.


ST93007U2C Product details

Applications
Use as a dual-port charging station, or as a data hub in home, office and hot-desk environments
Fast-charge your mobile devices while expanding the connectivity of your computer
Make hard-to-reach USB ports more accessible

Features
Charge your smartphones and tablets quickly, using two, 2.4A USB fast-charge ports
Connect multiple USB devices to your laptop or desktop by adding seven USB 3.0 ports
Charge a variety of mobile devices, including Apple and Samsung Galaxy devices, with support for USB Battery Charging Specification 1.2
Sleek and compact design
Simultaneously use the hub ports and fast-charge ports
SuperSpeed USB 3.0 throughput up to 5Gbps
Built-in on/off power button
Plug-and-play and hot-swap compatible
LED indicators for port status
Backward compatible with USB 2.0, 1.x devices




Similar Part No. - ST93007U2C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93003 STMICROELECTRONICS-ST93003 Datasheet
254Kb / 7P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
More results


Similar Description - ST93007U2C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
Rev 1.2
logo
Tripp Lite. All Rights ...
U360007 TRIPPLITE-U360007 Datasheet
493Kb / 2P
7-Port USB 3.0 SuperSpeed Hub with Dedicated 2A
U360412 TRIPPLITE-U360412 Datasheet
498Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
logo
Tripp Lite. All Rights ...
U360-007C-2X3 TRIPPLITE-U360-007C-2X3 Datasheet
165Kb / 3P
7-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 5 USB 2.0 Ports
U360-010C-2X3 TRIPPLITE-U360-010C-2X3 Datasheet
165Kb / 3P
10-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 8 USB 2.0 Ports
logo
Schneider Electric
BE850G2 SCHNEIDER-BE850G2 Datasheet
76Kb / 2P
Back-UPS 850VA, 2 USB charging ports
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
USB dedicated charging port controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com