Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2044953 Datasheet (PDF) - SICK AG

2044953 Datasheet PDF - SICK AG
Part # 2044953
Download  2044953 Download
File Size   442.64 Kbytes
Page   5 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SAFETY MULTIBEAM SENSORS

2044953 Datasheet (PDF)

Go To PDF Page Download Datasheet
2044953 Datasheet PDF - SICK AG

Part # 2044953
Download  2044953 Click to download

File Size   442.64 Kbytes
Page   5 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SAFETY MULTIBEAM SENSORS

2044953 Datasheet (HTML) - SICK AG


2044953 Product details

Features
Application Normal industrial environment
Functional principle Active/passive
System part Passive unit
Type of diversion Prism deflection
Scanning range category Great scanning range
Scanning range 8 m
Dimension of the light path Typical 0.5 m ... 8 m
Number of beams 2
Beam separation 500 mm
Items supplied Passive unit




Similar Part No. - 2044953

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
204492 ERNI-204492 Datasheet
117Kb / 1P
TMC-S-15-THR OM-Euro-BA8
204498 ERNI-204498 Datasheet
120Kb / 1P
TMC-S-25-THR OM-Euro-BA8
More results


Similar Description - 2044953

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLD265RP ETC1-SLD265RP Datasheet
71Kb / 2P
Multibeam Laser Diodes Achieve High-Speed Printing
CLS-A2 ETC2-CLS-A2 Datasheet
72Kb / 1P
Safety magnetic sensors Magnetic units
logo
Carlo Gavazzi Holding A...
SMSA2M02 CARLOGAVAZZI-SMSA2M02 Datasheet
119Kb / 3P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS01 CARLOGAVAZZI-SMS01 Datasheet
191Kb / 3P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
MC88C CARLOGAVAZZI-MC88C Datasheet
1Mb / 9P
Rectangular safety magnetic sensors
MC36C CARLOGAVAZZI-MC36C Datasheet
1Mb / 8P
Compact safety magnetic sensors
SMSA2P02 CARLOGAVAZZI-SMSA2P02 Datasheet
120Kb / 2P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors Types SMSA2P02
CLS CARLOGAVAZZI-CLS Datasheet
76Kb / 1P
Safety magnetic sensors Magnetic units
01.02.2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com