Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2022548 Datasheet (PDF) - SICK AG

2022548 Datasheet PDF - SICK AG
Part # 2022548
Download  2022548 Download
File Size   559.08 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SAFETY LIGHT CURTAINS

2022548 Datasheet (PDF)

Go To PDF Page Download Datasheet
2022548 Datasheet PDF - SICK AG

Part # 2022548
Download  2022548 Click to download

File Size   559.08 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SAFETY LIGHT CURTAINS

2022548 Datasheet (HTML) - SICK AG


2022548 Product details

Features
Application Normal industrial environment
System part Receiver
Resolution 40 mm
Scanning range 21 m
Protective field height 900 mm
Response time 11 ms
Synchronization Optical synchronisation




Similar Part No. - 2022548

ManufacturerPart #DatasheetDescription
logo
SICK AG
2022548 SICK-2022548 Datasheet
259Kb / 4P
Plug connector cable
More results


Similar Description - 2022548

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-P4B0300-N ALLEN-BRADLEY-440L-P4B0300-N Datasheet
160Kb / 8P
Safety Light Curtains
logo
SICK AG
C2C-EA04530A10000 SICK-C2C-EA04530A10000 Datasheet
192Kb / 6P
SAFETY LIGHT CURTAINS
C2C-EA09010A10000 SICK-C2C-EA09010A10000 Datasheet
192Kb / 6P
SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
SAFETY LIGHT CURTAINS
C4P-SA09030A001000 SICK-C4P-SA09030A001000 Datasheet
295Kb / 10P
SAFETY LIGHT CURTAINS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com