Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7905AC Datasheet (PDF) - STMicroelectronics

L7905AC Datasheet PDF - STMicroelectronics
Part # L7905AC
Download  L7905AC Download
File Size   93.42 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2% NEGATIVE VOLTAGE REGULATORS

L7905AC Datasheet (PDF)

Go To PDF Page Download Datasheet
L7905AC Datasheet PDF - STMicroelectronics

Part # L7905AC
Download  L7905AC Click to download

File Size   93.42 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2% NEGATIVE VOLTAGE REGULATORS

L7905AC Datasheet (HTML) - STMicroelectronics


L7905AC Product details

DESCRIPTION
The L7900AC series of three-terminal negative regulators is available in TO-220 and D2PAK packages and several fixed output voltages. These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation; furthermore, having the same voltage option as the L7800A positive standard series, they are particularly suited for split power supplies. In addition, the -5.2V is also available for ECL system. If adequate heat sinking is provided, they can deliver over 1.5A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents.

■ OUTPUT CURRENT UP TO 1.5 A
■ OUTPUT VOLTAGESOF -5; -5.2; -6; -8; -12; -15; -18; -20; -22; -24V
■ THERMAL OVERLOAD PROTECTION
■ SHORT CIRCUIT PROTECTION
■ OUTPUT TRANSITION SOA PROTECTION




Similar Part No. - L7905AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7905AC STMICROELECTRONICS-L7905AC Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
L7905AC STMICROELECTRONICS-L7905AC Datasheet
748Kb / 20P
2 % negative voltage regulators
18-Feb-2008
L7905AC STMICROELECTRONICS-L7905AC Datasheet
748Kb / 20P
2 % negative voltage regulatorsm
18-Feb-2008
L7905ACD2T STMICROELECTRONICS-L7905ACD2T Datasheet
414Kb / 16P
NEGATIVE VOLTAGE REGULATORS
Feb-2003
L7905ACD2T STMICROELECTRONICS-L7905ACD2T Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
More results


Similar Description - L7905AC

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
STMicroelectronics
L7900AC STMICROELECTRONICS-L7900AC_07 Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
logo
Texas Instruments
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905AC STMICROELECTRONICS-L7905AC_08 Datasheet
748Kb / 20P
2 % negative voltage regulators
18-Feb-2008
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com