Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1995 Datasheet (PDF) - Analog Devices

LT1995 Datasheet PDF - Analog Devices
Part # LT1995
Download  LT1995 Download
File Size   361.52 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32MHz, 1000V/μs Gain Selectable Amplifier

LT1995 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1995 Datasheet PDF - Analog Devices

Part # LT1995
Download  LT1995 Click to download

File Size   361.52 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32MHz, 1000V/μs Gain Selectable Amplifier

LT1995 Datasheet (HTML) - Analog Devices


LT1995 Product details

FEATURES
■ Internal Gain Setting Resistors
■ Pin Configurable as a Difference Amplifier,
Inverting and Noninverting Amplifier
■ Difference Amplifier:
Gain Range 1 to 7
CMRR > 65dB
■ Noninverting Amplifier:
Gain Range 1 to 8
■ Inverting Amplifier:
Gain Range –1 to –7
■ Gain Error: <0.2%
■ Slew Rate: 1000V/μs
■ Bandwidth: 32MHz (Gain = 1)
■ Op Amp Input Offset Voltage: 2.5mV Max
■ Quiescent Current: 9mA Max
■ Wide Supply Range: ±2.5V to ±15V
■ Available in 10-Lead MSOP and
10-Lead (3mm × 3mm) DFN Packages




Similar Part No. - LT1995

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1995 LINER-LT1995 Datasheet
360Kb / 20P
32MHz, 1000V/關s Gain Selectable Amplifier
logo
Analog Devices
LT1995 AD-LT1995 Datasheet
270Kb / 16P
±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
Rev 0
logo
Linear Technology
LT1995CDD LINER-LT1995CDD Datasheet
360Kb / 20P
32MHz, 1000V/關s Gain Selectable Amplifier
LT1995CMS LINER-LT1995CMS Datasheet
360Kb / 20P
32MHz, 1000V/關s Gain Selectable Amplifier
LT1995IDD LINER-LT1995IDD Datasheet
360Kb / 20P
32MHz, 1000V/關s Gain Selectable Amplifier
More results


Similar Description - LT1995

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
Precision, 100UA Gain Selectable Amplifier
02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
Precision, 100UA Gain Selectable Amplifier
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
Precision, 100UA Gain Selectable Amplifier
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
LT1995 LINER-LT1995 Datasheet
360Kb / 20P
32MHz, 1000V/關s Gain Selectable Amplifier
LT1995 LINER-LT1995_15 Datasheet
366Kb / 20P
32MHz, 1000V/s Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
Precision, 100A Gain Selectable Amplifier
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
Precision, 100A Gain Selectable Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com