Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1996 Datasheet (PDF) - Analog Devices

LT1996 Datasheet PDF - Analog Devices
Part # LT1996
Download  LT1996 Download
File Size   343.57 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, 100µA Gain Selectable Amplifier

LT1996 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1996 Datasheet PDF - Analog Devices

Part # LT1996
Download  LT1996 Click to download

File Size   343.57 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, 100µA Gain Selectable Amplifier

LT1996 Datasheet (HTML) - Analog Devices


LT1996 Product details

FEATURES
■ Pin Configurable as a Difference Amplifier,
Inverting and Noninverting Amplifier
■ Difference Amplifier
Gain Range 9 to 117
CMRR >80dB
■ Noninverting Amplifier
Gain Range 0.008 to 118
■ Inverting Amplifier
Gain Range –0.08 to –117
■ Gain Error: <0.05%
■ Gain Drift: < 3ppm/°C
■ Wide Supply Range: Single 2.7V to Split ±18V
■ Micropower Operation: 100µA Supply
■ Input Offset Voltage: 50µV (Max)
■ Gain Bandwidth Product: 560kHz
■ Rail-to-Rail Output
■ Space Saving 10-Lead MSOP and DFN Packages




Similar Part No. - LT1996

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
LT1996ACDD LINER-LT1996ACDD Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
LT1996ACMS LINER-LT1996ACMS Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
LT1996AIDD LINER-LT1996AIDD Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
LT1996AIMS LINER-LT1996AIMS Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
More results


Similar Description - LT1996

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
Precision, 100UA Gain Selectable Amplifier
02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
Precision, 100UA Gain Selectable Amplifier
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
Precision, 100UA Gain Selectable Amplifier
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
Precision, 100A Gain Selectable Amplifier
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
Precision, 100A Gain Selectable Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com