Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8814D Datasheet (PDF) - Microchip Technology

LAN8814D Datasheet PDF - Microchip Technology
Part # LAN8814D
Download  LAN8814D Download
File Size   2103.71 Kbytes
Page   112 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Port Gigabit Ethernet Transceiver with QSGMII

LAN8814D Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN8814D Datasheet PDF - Microchip Technology

Part # LAN8814D
Download  LAN8814D Click to download

File Size   2103.71 Kbytes
Page   112 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Port Gigabit Ethernet Transceiver with QSGMII

LAN8814D Datasheet (HTML) - Microchip Technology


LAN8814D Product details

Features
• Quad-Port Gigabit Ethernet Transceiver
• QSGMII/Q-USGMII Version 1.3 MAC Interface
• Synchronous Ethernet (SyncE) Support
- Two configurable recovered clock outputs
- Fast Link Failure (FLF) indication
• Jumbo Frame Support Up to 16 KB
• Clocked from Crystal or External 25/125 MHz Reference
Clock Input
• Time Sensitive Networking (TSN) Frame Preemption
support per IEEE 802.3™-2018 clause 99
• 1588™-2008/PTP
- Layer 2, UDP/IPv4 and UDP/IPv6 formats
- Tagged and non-tagged frame formats
- One-step and two-step modes of operation
- ±8 ns PTP accuracy
- OC TimeTransmitter/TimeReceiver, BC, and
TC all supported
• IEEE 802.3-2018 Energy Efficient Ethernet (EEE)
• Two Programmable LED Outputs per Port for
Link, Activity, and Speed
• Coma mode to Eliminate Port Link Bouncing at
Startup and Synchronize LEDs
• 24 GPIOs
• LinkMD® TDR-based Cable Diagnostic to Identify
Faulty Copper Cabling
• Signal Quality Indication
• Loopback modes for Diagnostics
• Automatic MDI/MDI-X Crossover to Detect and
Correct Pair Swaps, Pair Skew, and Pair Polarity
• Shared Management Data Input/Output (MDIO)
Interface for PHY Register Configuration
• Interrupt Pin Option
• Die Temperature Monitor
• Power-Down and Power-Saving Modes
- Energy Detect Power Down
- Chip Power Down
- EEE Low Power Idle mode
- Smart power savings up to 20 mW for cables
<70m
• Operating Voltages
- Digital Core (VDDCORE): 1.21V
- Analog Operation: 1.21V (VDDAL)
and 2.5V, 3.3V (VDD33REF)
- VDD I/O (VDDIO): 3.3V, 2.5V, or 1.8V
- Transceiver (VDDAH): 3.3V or 2.5V
• 128-pin TQFP (14 × 14 mm body) Package
• Temperature Support
- Commercial temperature range (0 to +85°C)
- Industrial temperature range (-40 to +85°C)

Target Applications
• Enterprise/SMB Switches
• Industrial Switches
• Cellular Infrastructure
• Routers
• Wi-Fi Access Points
• Gateways
• FPGA Based Systems
• General Embedded




Similar Part No. - LAN8814D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810 MICROCHIP-LAN8810 Datasheet
770Kb / 83P
GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I MICROCHIP-LAN8810I Datasheet
770Kb / 83P
GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN8818D MICROCHIP-LAN8818D Datasheet
2Mb / 101P
4-Port Gigabit Ethernet Transceiver with QSGMII
LAN8818D-I/KDX MICROCHIP-LAN8818D-I/KDX Datasheet
2Mb / 101P
4-Port Gigabit Ethernet Transceiver with QSGMII
More results


Similar Description - LAN8814D

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
TLK2208 TI-TLK2208 Datasheet
545Kb / 40P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI-TLK2226 Datasheet
521Kb / 49P
6 PORT GIGABIT ETHERNET TRANSCEIVER
TLK2218 TI-TLK2218 Datasheet
744Kb / 39P
8-PORT GIGABIT ETHERNET TRANSCEIVER
logo
STMicroelectronics
GIGA090 STMICROELECTRONICS-GIGA090 Datasheet
66Kb / 4P
90nm Single Port Embeddable Gigabit Ethernet Transceiver
24-Feb-2006
logo
Texas Instruments
TLK2208A TI-TLK2208A Datasheet
537Kb / 40P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208BGPV TI1-TLK2208BGPV Datasheet
539Kb / 41P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208 TI1-TLK2208_08 Datasheet
621Kb / 42P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI1-TLK2226_09 Datasheet
551Kb / 52P
6 PORT GIGABIT ETHERNET TRANSCEIVER
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com