Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2585 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM2585 Datasheet PDF - National Semiconductor (TI)
Part # LM2585
Download  LM2585 Download
File Size   983.79 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description SIMPLE SWITCHER짰 3A Flyback Regulator

LM2585 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2585 Datasheet PDF - National Semiconductor (TI)

Part # LM2585
Download  LM2585 Click to download

File Size   983.79 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description SIMPLE SWITCHER짰 3A Flyback Regulator

LM2585 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2585 TI-LM2585 Datasheet
3Mb / 32P
LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2585S-12 NSC-LM2585S-12 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2585S-12/NOPB TI-LM2585S-12/NOPB Datasheet
3Mb / 32P
LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2585S-3.3 NSC-LM2585S-3.3 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
More results


Similar Description - LM2585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
SIMPLE SWITCHER짰 5A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com