Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76-112 Datasheet (PDF) - Multicomp Pro

76-112 Datasheet PDF - Multicomp Pro
Part # 76-112
Download  76-112 Download
File Size   326.93 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 4mm Male Banana Plug to Plug

76-112 Datasheet (PDF)

Go To PDF Page Download Datasheet
76-112 Datasheet PDF - Multicomp Pro

Part # 76-112
Download  76-112 Click to download

File Size   326.93 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 4mm Male Banana Plug to Plug

76-112 Datasheet (HTML) - Multicomp Pro


76-112 Product details

Applications
To connect to 4mm banana jacks, sockets and binding posts. Very low voltage general purpose electric testing, controlling and measuring.

Description
Straight 4mm Male Banana Plug to Straight 4mm Male Banana Plug Lead




Similar Part No. - 76-112

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
76-116 MULTICOMP-76-116 Datasheet
385Kb / 1P
4mm Banana Plug Male to Female
18/03/24 V1.0
76-118 MULTICOMP-76-118 Datasheet
385Kb / 1P
4mm Banana Plug Male to Female
18/03/24 V1.0
More results


Similar Description - 76-112

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1368 POMONA-1368 Datasheet
39Kb / 1P
Double Banana Plug To Single Banana Plug Breakouts
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
5934 POMONA-5934 Datasheet
54Kb / 1P
4MM Banana Plug
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
72918 POMONA-72918 Datasheet
71Kb / 1P
4mm Banana Plug with Threaded M3 Stud
logo
Pasternack Enterprises,...
PE9009 PASTERNACK-PE9009 Datasheet
83Kb / 1P
BNC MALE TO DOUBLE BANANA PLUG
logo
List of Unclassifed Man...
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
Test Probe with 4mm Banana Plug
BU-32603-0 ETC2-BU-32603-0 Datasheet
50Kb / 1P
Cable Mountable 4mm Shrouded Banana Plug
BU-P2970-2 ETC2-BU-P2970-2 Datasheet
207Kb / 1P
Triple Banana Plug Connecter (Female to Male)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com