Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA656 Datasheet (PDF) - Texas Instruments

OPA656 Datasheet PDF - Texas Instruments
Part # OPA656
Download  OPA656 Download
File Size   2552.27 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier

OPA656 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA656 Datasheet PDF - Texas Instruments

Part # OPA656
Download  OPA656 Click to download

File Size   2552.27 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier

OPA656 Datasheet (HTML) - Texas Instruments


OPA656 Product details

1 Features
• High speed:
– Gain-bandwidth product (GBWP): 2.7GHz
– Bandwidth (G = 7V/V): 765MHz
– Large-signal bandwidth (2VPP): 400MHz
– Slew rate: 1400V/μs
• Decompensated gain: 7V/V stable
• Low noise:
– Input voltage noise: 2.2nV/√Hz
– Input current noise: 3fA/√Hz (f = 10kHz)
• Input bias current: 4pA (typical)
• Low input capacitance:
– Common-mode: 1.9pF
– Differential mode: 0.5pF
• Low distortion (G = 7V/V, RL = 1kΩ, VO = 2VPP):
– HD2, HD3 at 1MHz: –104dBc, –108dBc
– HD2, HD3 at 50MHz: –57dBc, –72dBc
• Wide supply range: 6V to 13V
• Output swing: 8VPP (VS = 10V)
• Supply current: 27.7mA
• Shutdown supply current: 27μA
• Performance upgrade to OPA657

2 Applications
• Wideband transimpedance amplifier (TIA)
• Wafer scanning equipment
• Optical communication module
• High-speed data acquisition (DAQ)
• Active probe
• Optical time-domain reflectometry (OTDR)
• Test and measurement front-end
• Medical and chemical analyzer

3 Description
The OPA818 is a decompensated, voltage-feedback
operational amplifier for high-speed and widedynamic-
range applications. The OPA818 has a
low-noise JFET input stage that combines high
gain-bandwidth with a wide supply range from 6V
to 13V. The fast slew rate (1400V/μs) provides
high, large-signal bandwidth and low distortion. This
amplifier is manufactured using TI's proprietary, highspeed,
silicon-germanium (SiGe) process to achieve
significant performance improvements over other
high-speed, FET-input amplifiers.
The OPA818 is an extremely versatile, wideband
TIA photodiode amp for use in optical test and
communication equipment, and many medical,
scientific, and industrial instruments. The OPA818
showcases a 2.7GHz GBWP, low 2.4pF total input
capacitance, and 2.2nV/√Hz input noise. The OPA818
achieves over 85MHz signal bandwidth in a TIA
configuration with 20kΩ TIA gain (RF) and 0.5pF
photodiode capacitance (CD) with wide output swings.
The low-noise architecture with picoampere of input
bias current is also an excellent choice for test and
measurement applications. Though typically stable in
gains ≥ 7V/V, the OPA818 is designed for use in
applications with lower gains by applying noise-gain
shaping techniques.
The OPA818 is available in an 5-pin SOT-23 package
and an 8-lead WSON package with an exposed
thermal pad for heat dissipation. This device is
specified for operation over the industrial temperature
range of –40°C to +85°C.




Similar Part No. - OPA656

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656 TI-OPA656 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA656 BURR-BROWN-OPA656 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results


Similar Description - OPA656

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
OPA445 TI1-OPA445_16 Datasheet
905Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com