Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS6501QPWPRQ1 Datasheet (PDF) - Texas Instruments

TAS6501QPWPRQ1 Datasheet PDF - Texas Instruments
Part # TAS6501QPWPRQ1
Download  TAS6501QPWPRQ1 Download
File Size   2344.66 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS6501-Q1, 15W, 2MHz Digital Input 1-Channel Automotive Heatsink-Free Class-D Audio Amplifier with Current Sense and Real-time Load Diagnostics

TAS6501QPWPRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS6501QPWPRQ1 Datasheet PDF - Texas Instruments

Part # TAS6501QPWPRQ1
Download  TAS6501QPWPRQ1 Click to download

File Size   2344.66 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS6501-Q1, 15W, 2MHz Digital Input 1-Channel Automotive Heatsink-Free Class-D Audio Amplifier with Current Sense and Real-time Load Diagnostics

TAS6501QPWPRQ1 Datasheet (HTML) - Texas Instruments


TAS6501QPWPRQ1 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
• General operation
– 4.5V to 19V supply voltage, 40V load dump
– Support for 1.8V and 3.3V I/O’s
– I2C control with 8 address options
– <0.5W idle power loss at 14.4V, <5uA max
PVDD shutdown loss
• Output current sensing via I2S or TDM
– No need for external circuitry
• Real-time load diagnostics
– Monitor output conditions while playing audio
– Open load, Shorted load, Short-to-power,
Short-to-ground detection
• Integrated DSP processing
– Thermal monitoring and foldback
– PVDD monitoring and foldback
– Clip detection
– Low Latency Path, >70% reduced signal delay
at 48kHz
• DC and AC Standby load diagnostics
• Audio inputs
– I2S and TDM support up to TDM16
– Input sample rates: 16, 32, 44.1, 48, 96,
192kHz
• Audio outputs
– 384kHz to 2MHz configurable output switching
frequency
– 15W (14.4V, 4Ω, 10% THD+N)
• Audio Performance
– THD+N <0.02% (4Ω, 1W, 1kHz)
– 105dB SNR
– Output noise: 41μVRMS at 14.4V, A-weighting
• Protection
– Output short protection
– Speaker GuardTM Pro power limiter
– Configurable overtemperature warning and
shutdown
– I2C temperature and supply voltage readout
– DC offset, undervoltage and overvoltage
• Easily meet CISPR25-L5 EMC specification
– Advanced spread-spectrum

2 Applications
• Acoustic vehicle alerting system (AVAS)
• Emergency call (eCall)
• Automotive head unit
• Telematics control unit
• Automotive cluster display

3 Description
The TAS6501-Q1 is a mono-channel, digital-input,
Class-D audio amplifier that supports 2MHz switching
frequency enabling a cost and size-optimized singlechannel
audio amplifier design. The device operates
from 4.5V to 19V and delivers up to 15W (14.4V, 4Ω,
10% THD+N). The device integrates DC and AC load
diagnostics to determine the status of the connected
load before enabling the output stage. Additionally,
the device can monitor the output load condition while
in PLAY mode with or without audio using real-time
load diagnostics which operates independently from
the host and audio input.
TAS6501-Q1 can monitor the output current, PVDD
voltage, and temperature of the device and can
report this data through TDM or I2S. The integrated
DSP of the TAS6501-Q1 enables advanced protection
features such as PVDD foldback, thermal foldback,
and Speaker Guard™ Pro power limiter. The DSP
also enables an additional low-latency signal path,
providing up to 70% faster signal processing at 48kHz
for time-sensitive Active Noise Cancellation (ANC)
and Road Noise Cancellation (RNC) applications.
The device is available in a small pad-down TSSOP
and QFN with wettable flanks packages, enabling a
heatsink-free audio amplifier design.




Similar Part No. - TAS6501QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6501QRGERQ1 TI2-TAS6501QRGERQ1 Datasheet
1Mb / 11P
TAS6501-Q1, 15W, 2MHz Digital Input 1-Channel Automotive Heatsink-Free Class-D Audio Amplifier with Current Sense and Real-time Load Diagnostics
SEPTEMBER 2025
More results


Similar Description - TAS6501QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS5441-Q1 TI1-TAS5441-Q1 Datasheet
615Kb / 28P
TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
TAS6422E-Q1 TI-TAS6422E-Q1 Datasheet
1,013Kb / 6P
TAS6422E-Q1 45-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6584-Q1 TI-TAS6584-Q1 Datasheet
981Kb / 6P
TAS6584-Q1 - 45-V, 10-A Digital Input 4-Channel Automotive Class-D Audio Amplifier with Current Sense and Real-time Load Diagnostics
JANUARY 2022
TAS6584-Q1 TI-TAS6584-Q1_V01 Datasheet
1Mb / 11P
TAS6584-Q1 - 45-V, 10-A Digital Input 4-Channel Automotive Class-D Audio Amplifier with Current Sense and Real-time Load Diagnostics
MARCH 2022
TAS6582-Q1 TI-TAS6582-Q1 Datasheet
1Mb / 12P
TAS6582-Q1 - 45-V, 10-A Digital Input 2-Channel Automotive Class-D Audio Amplifier with Current Sense and Real-time Load Diagnostics
JUNE 2023
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com