Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53353 Datasheet (PDF) - Molex Electronics Ltd.

53353 Datasheet PDF - Molex Electronics Ltd.
Part # 53353
Download  53353 Download
File Size   37.42 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PCB Headers

53353 Datasheet (PDF)

Go To PDF Page Download Datasheet
53353 Datasheet PDF - Molex Electronics Ltd.

Part # 53353
Download  53353 Click to download

File Size   37.42 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PCB Headers

53353 Datasheet (HTML) - Molex Electronics Ltd.


53353 Product details

Description: 0.80mm Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and 8.00mm
Stacking Heights, 16 Circuits

Application Board-to-Board, Signal




Similar Part No. - 53353

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53353-1071 MOLEX7-53353-1071 Datasheet
367Kb / 5P
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 10 Circuits
53353-1871 MOLEX7-53353-1871 Datasheet
368Kb / 5P
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and 8.00mm (.276 and .315") Stacking Heights, Lead-free, 18 Circuits
53353-2071 MOLEX7-53353-2071 Datasheet
368Kb / 5P
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 20 Circuits
53353-2871 MOLEX7-53353-2871 Datasheet
368Kb / 5P
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 28 Circuits
53353-3071 MOLEX7-53353-3071 Datasheet
368Kb / 5P
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 30 Circuits
More results


Similar Description - 53353

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032-07C5-3PN GLENAIR-800-032-07C5-3PN Datasheet
175Kb / 4P
Right Angle PCB Receptacle Headers
logo
Dubilier
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
DBCMJC33AG1 DUBILIER-DBCMJC33AG1 Datasheet
98Kb / 1P
PIN HEADERS
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
PCB headers
1097546 PHOENIX-1097546 Datasheet
545Kb / 14P
PCB headers, Reflow/wave soldering
2020-01-09
1145402 PHOENIX-1145402 Datasheet
499Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1145419 PHOENIX-1145419 Datasheet
476Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1150791 PHOENIX-1150791 Datasheet
469Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1150824 PHOENIX-1150824 Datasheet
449Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com