Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6600CS8-10 Datasheet (PDF) - Analog Devices

LT6600CS8-10 Datasheet PDF - Analog Devices
Part # LT6600CS8-10
Download  LT6600CS8-10 Download
File Size   199.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter

LT6600CS8-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6600CS8-10 Datasheet PDF - Analog Devices

Part # LT6600CS8-10
Download  LT6600CS8-10 Click to download

File Size   199.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter

LT6600CS8-10 Datasheet (HTML) - Analog Devices


LT6600CS8-10 Product details

FEATURES
n Programmable Differential Gain via Two External
Resistors
n Adjustable Output Common Mode Voltage
n Operates and Specifi ed with 3V, 5V, ±5V Supplies
n 0.5dB Ripple 4th Order Lowpass Filter with 10MHz
Cutoff
n 82dB S/N with 3V Supply and 2VP-P Output
n Low Distortion, 2VP-P , 800Ω Load
1MHz: 88dBc 2nd, 97dBc 3rd
5MHz: 74dBc 2nd, 77dBc 3rd
n Fully Differential Inputs and Outputs
n Compatible with Popular Differential Amplifi er Pinouts
n SO-8 and DFN-12 Packages




Similar Part No. - LT6600CS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600CS8-10 LINER-LT6600CS8-10 Datasheet
221Kb / 12P
Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
More results


Similar Description - LT6600CS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com