Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6604-5 Datasheet (PDF) - Analog Devices

LT6604-5 Datasheet PDF - Analog Devices
Part # LT6604-5
Download  LT6604-5 Download
File Size   187.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter

LT6604-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6604-5 Datasheet PDF - Analog Devices

Part # LT6604-5
Download  LT6604-5 Click to download

File Size   187.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter

LT6604-5 Datasheet (HTML) - Analog Devices


LT6604-5 Product details

FEATURES
n Dual Differential Amplifi er with 5MHz Lowpass Filters
4th Order Filters
Approximates Chebyshev Response
Guaranteed Phase and Gain Matching
Resistor-Programmable Differential Gain
n >82dB Signal-to-Noise (3V Supply, 2VP-P Output)
n Low Distortion (1MHz, 2VP-P Output, 800Ω Load)
HD2: 93dBc
HD3: 96dBc
n Specifi ed for Operation with 3V, 5V and ±5V Supplies
n Fully Differential Inputs and Outputs
n Adjustable Output Common Mode Voltage
n Small 4mm × 7mm × 0.75mm QFN Package




Similar Part No. - LT6604-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
logo
Analog Devices
LT6604-5 AD-LT6604-5 Datasheet
250Kb / 20P
Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LT6604-5 AD-LT6604-5 Datasheet
263Kb / 20P
Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LT6604-5 AD-LT6604-5 Datasheet
258Kb / 20P
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
logo
Linear Technology
LT6604-5 LINER-LT6604-5_15 Datasheet
193Kb / 16P
Dual Very Low Noise, Differential Amplifier and 5MHz Lowpass Filter
More results


Similar Description - LT6604-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com