Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBPIBLOX-BLU Datasheet (PDF) - Multicomp Pro

CBPIBLOX-BLU Datasheet PDF - Multicomp Pro
Part # CBPIBLOX-BLU
Download  CBPIBLOX-BLU Download
File Size   198.36 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Pi-Blox Enclosures

CBPIBLOX-BLU Datasheet (PDF)

Go To PDF Page Download Datasheet
CBPIBLOX-BLU Datasheet PDF - Multicomp Pro

Part # CBPIBLOX-BLU
Download  CBPIBLOX-BLU Click to download

File Size   198.36 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Pi-Blox Enclosures

CBPIBLOX-BLU Datasheet (HTML) - Multicomp Pro


CBPIBLOX-BLU Product details

Features:
• Designed to house the Raspberry Pi B+ or Pi 2
• Studs allow for construction blocks to be fitted directly to the enclosure
• All cut-outs are pre-cut into the case
• I/O Connector can be accessed through a slot in the side of the enclosure
• Internal Mount points for Pi Camera
• Camera lens and flash holes included
• Gloss Finish
• Size : (L) 88.8mm × (W) 64.5mm × (H) 30.5mm
• Material : ABS

Description
Pi-Blox Enclosures




Similar Part No. - CBPIBLOX-BLU

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CBPI22 CAMDENBOSS-CBPI22 Datasheet
362Kb / 1P
22mm panel indicators
logo
List of Unclassifed Man...
CBPIHAT-BLK ETC-CBPIHAT-BLK Datasheet
1Mb / 4P
Raspberry Pi 3 Starter Kit
logo
Multicomp Pro
CBPIHAT-BLK MULTICOMP-CBPIHAT-BLK Datasheet
161Kb / 1P
Raspberry Pi Style Enclosure
28/09/22 V1.0
More results


Similar Description - CBPIBLOX-BLU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX-7 ETC2-MAX-7 Datasheet
1Mb / 24P
u-blox 7 GNSS modules
logo
u-blox AG
NEO-M8 U-BLOX-NEO-M8 Datasheet
1Mb / 26P
u-blox M8 concurrent GNSS modules
CAM-M8 U-BLOX-CAM-M8 Datasheet
1Mb / 31P
u-blox M8 Concurrent GNSS Antenna Modules
NEO-6 U-BLOX-NEO-6 Datasheet
938Kb / 2P
Versatile u-blox 6 GPS modules
logo
SparkFun Electronics
DEV-14356 SPARKFUN-DEV-14356 Datasheet
319Kb / 2P
pi-topPROTO
8??4??7
logo
u-blox AG
UBX-G7020 U-BLOX-UBX-G7020 Datasheet
125Kb / 2P
u-blox 7 GPS chips
UBX-G7020-KT U-BLOX-UBX-G7020-KT Datasheet
1Mb / 38P
u-blox 7 GPS/GNSS chips
Revision1 1/27/2012
UBX-M8030 U-BLOX-UBX-M8030 Datasheet
269Kb / 2P
Versatile u-blox M8 GNSS chips
MAX-M10 U-BLOX-MAX-M10 Datasheet
100Kb / 2P
u-blox M10 standard precision GNSS modules
EVK-M101 U-BLOX-EVK-M101 Datasheet
122Kb / 1P
u-blox M10 GNSS evaluation kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com