Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

353012 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

353012 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 353012
Download  353012 Download
File Size   398.17 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-FNCS Flexible Nanocrystalline Sheet

353012 Datasheet (PDF)

Go To PDF Page Download Datasheet
353012 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 353012
Download  353012 Click to download

File Size   398.17 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-FNCS Flexible Nanocrystalline Sheet

353012 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


353012 Product details

General Information:
Operating Temperature -40 °C up to +85 °C
Storage Conditions
(in original packaging) 5 °C up to + 35 °C; up to 65 % RH




Similar Part No. - 353012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35301 ETC2-35301 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35301 ETC2-35301 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
logo
Molex Electronics Ltd.
35301-0210 MOLEX4-35301-0210 Datasheet
167Kb / 4P
2.50mm (.098") Pitch SPOX??Wire-to-Board Header, Vertical Shrouded, TubePackaged Version of 5267, 2 Circuits, Tin (Sn) Plating
35301-0210 MOLEX11-35301-0210 Datasheet
56Kb / 2P
2.50mm Pitch SPOX Wire-to-Board Header, Vertical Shrouded, Tube Packaged Version of 5267, 2 Circuits, Tin (Sn) Plating
35301-0310 MOLEX4-35301-0310 Datasheet
167Kb / 4P
2.50mm (.098") Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, TubePackaged Version of 5267, 3 Circuits, Tin (Sn) Plating
More results


Similar Description - 353012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782063051055 WURTH-782063051055 Datasheet
337Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101100 WURTH-782063101100 Datasheet
337Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063051100 WURTH-782063051100 Datasheet
337Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063101055 WURTH-782063101055 Datasheet
338Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101200 WURTH-782063101200 Datasheet
331Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151055 WURTH-782063151055 Datasheet
334Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151200 WURTH-782063151200 Datasheet
333Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163051200 WURTH-782163051200 Datasheet
333Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163101300 WURTH-782163101300 Datasheet
330Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163151300 WURTH-782163151300 Datasheet
332Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com