Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS16B80T Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

HS16B80T Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.
Part # HS16B80T
Download  HS16B80T Download
File Size   796.99 Kbytes
Page   4 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description HS16B80T 16A TRIAC

HS16B80T Datasheet (PDF)

Go To PDF Page Download Datasheet
HS16B80T Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HS16B80T
Download  HS16B80T Click to download

File Size   796.99 Kbytes
Page   4 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description HS16B80T 16A TRIAC

HS16B80T Datasheet (HTML) - Guangdong Huixin Electronic Technology Co., Ltd.




Similar Part No. - HS16B80T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HS16 MOSPEC-HS16 Datasheet
134Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
logo
Guangdong Huixin Electr...
HS16C60DC HUIXIN-HS16C60DC Datasheet
559Kb / 5P
HS16C60DC 16A TRIAC
HS16C60T HUIXIN-HS16C60T Datasheet
609Kb / 4P
HS16C60T 16A TRIAC
HS16C80F HUIXIN-HS16C80F Datasheet
804Kb / 4P
HS16C80F 16A TRIAC
HS16C80T HUIXIN-HS16C80T Datasheet
830Kb / 4P
HS16C80T 16A TRIAC
More results


Similar Description - HS16B80T

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56042 NTE-NTE56042 Datasheet
20Kb / 2P
TRIAC, 16A, Sensitive Gate
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
TRIAC, 16A
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
TRIAC, 16A, High Commutation
logo
Sanken electric
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
TO-3PF 16A Triac
logo
NEC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
16A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
600V 16A TRIAC
logo
STMicroelectronics
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
16A SNUBBERLESS TRIAC
Mar-2004
logo
Hi-Sincerity Mocroelect...
HST16 HSMC-HST16 Datasheet
129Kb / 4P
TRIAC 600V,16A
logo
Renesas Technology Corp
BCR16FM-14LB RENESAS-BCR16FM-14LB_17 Datasheet
833Kb / 9P
700V - 16A - Triac
BCR16FM-16LH RENESAS-BCR16FM-16LH Datasheet
492Kb / 8P
800V - 16A - Triac
Oct. 10, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com