Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1580 Datasheet (PDF) - Littelfuse

CPC1580 Datasheet PDF - Littelfuse
Part # CPC1580
Download  CPC1580 Download
File Size   293.42 Kbytes
Page   13 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Optically Isolated Gate Drive Circuit

CPC1580 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1580 Datasheet PDF - Littelfuse

Part # CPC1580
Download  CPC1580 Click to download

File Size   293.42 Kbytes
Page   13 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Optically Isolated Gate Drive Circuit

CPC1580 Datasheet (HTML) - Littelfuse


CPC1580 Product details

Features
• Drives External Power MOSFET
• Low LED Current (2.5mA)
• Requires No External Power Supply
• Load Voltages up to 65V
• High Reliability
• Small 8-pin Surface Mount Package
• 3750Vrms Input/Output Isolation

Applications
• Industrial Controls
• Instrumentation
• Medical Equipment Isolation
• Electronic Switching
• I/O Subsystems
• Appliances

Description
The CPC1580 optical gate driver provides isolated
control of a discrete power MOSFET transistor without
the need of an external power supply. Control of the
power MOSFET transistor is accomplished by the
application of sufficient input LED current to activate
the driver circuitry.
On the load side, an external storage capacitor and an
internal bootstrap diode enable the internal
photovoltaic and gate driver circuitry to provide fast
output switching characteristics by supplying the
charge necessary to satisfy the MOSFET’s bias
requirements.
Provided in a small 8-pin package, the CPC1580
provides 3750Vrms of input-to-output isolation.




Similar Part No. - CPC1580

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1580 CLARE-CPC1580 Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
logo
IXYS Corporation
CPC1580 IXYS-CPC1580 Datasheet
285Kb / 13P
Optically Isolated Gate Drive Circuit
logo
Clare, Inc.
CPC1580P CLARE-CPC1580P Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
logo
IXYS Corporation
CPC1580P IXYS-CPC1580P Datasheet
285Kb / 13P
Optically Isolated Gate Drive Circuit
logo
Clare, Inc.
CPC1580PTR CLARE-CPC1580PTR Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
More results


Similar Description - CPC1580

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1580 CLARE-CPC1580 Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
Clare, Inc.
CPC1590 CLARE-CPC1590 Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
Isolated IGBT/Power MOSFET gate drive
logo
Willow Technologies Ltd
C75 WILLOW-C75 Datasheet
613Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection
logo
ISOCOM COMPONENTS
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
Isolated IGBT/MOSFET Gate Drive
logo
Teledyne Technologies I...
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
logo
IXYS Corporation
CPC1580 IXYS-CPC1580 Datasheet
285Kb / 13P
Optically Isolated Gate Drive Circuit
CPC1590 IXYS-CPC1590 Datasheet
220Kb / 10P
Optically Isolated Gate Driver
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com