Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1590 Datasheet (PDF) - Littelfuse

CPC1590 Datasheet PDF - Littelfuse
Part # CPC1590
Download  CPC1590 Download
File Size   1593.95 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Optically Isolated Gate Driver

CPC1590 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1590 Datasheet PDF - Littelfuse

Part # CPC1590
Download  CPC1590 Click to download

File Size   1593.95 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Optically Isolated Gate Driver

CPC1590 Datasheet (HTML) - Littelfuse


CPC1590 Product details

Features
• 3750Vrms Input-to-Output Isolation
• Drives External Power MOSFET
• Low LED Current (2.5mA)
• Requires No External Power Supply
• Load Voltages up to 200V
• High Reliability
• Small 8-pin Surface Mount Flatpack Package
• Tape and Reel Version Available

Applications
• Industrial Controls
• Instrumentation
• Medical Equipment Isolation
• Electronic Switching
• I/O Subsystems
• Appliances

Description
The CPC1590 is a MOSFET Gate Driver that requires
no external power supply: it regulates the input voltage
drawn from the load (up to 200V), down to 12.2V for
internal use. It is specifically designed for low duty
cycle switching applications that drive up to 4nF of
gate capacitance.
The CPC1590 accomplishes very fast MOSFET
turn-on by supplying stored charge, from an external
capacitor, to the MOSFET gate when input control
current is applied to the device’s LED. After the
MOSFET is turned on, photocurrent from the input
optocoupler keeps it on for as long as sufficient input
control current flows, so there is no low-frequency
operating limit. When the MOSFET is turned off, the
storage capacitor charges from the device’s regulated
internal voltage in preparation for the next turn-on.
Because it is provided in a small, 8-pin Flatpack
package and requires no separate power supply, the
CPC1590 provides a flexible design solution that
consumes the least amount of PCB land area.




Similar Part No. - CPC1590

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1590 CLARE-CPC1590 Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
IXYS Corporation
CPC1590 IXYS-CPC1590 Datasheet
220Kb / 10P
Optically Isolated Gate Driver
logo
Clare, Inc.
CPC1590P CLARE-CPC1590P Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
IXYS Corporation
CPC1590P IXYS-CPC1590P Datasheet
220Kb / 10P
Optically Isolated Gate Driver
logo
Clare, Inc.
CPC1590PTR CLARE-CPC1590PTR Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
More results


Similar Description - CPC1590

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1580 CLARE-CPC1580 Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
CPC1590 CLARE-CPC1590 Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
International Rectifier
PVI5013RPBF IRF-PVI5013RPBF_15 Datasheet
278Kb / 5P
Opto Isolated MOSFET Gate Driver
PVI5033RPBF IRF-PVI5033RPBF_15 Datasheet
268Kb / 5P
Opto Isolated MOSFET Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
IXYS Corporation
CPC1580 IXYS-CPC1580 Datasheet
285Kb / 13P
Optically Isolated Gate Drive Circuit
CPC1590 IXYS-CPC1590 Datasheet
220Kb / 10P
Optically Isolated Gate Driver
logo
Cree, Inc
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
SiC MOSFET Isolated Gate Driver
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com