Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1593 Datasheet (PDF) - Littelfuse

CPC1593 Datasheet PDF - Littelfuse
Part # CPC1593
Download  CPC1593 Download
File Size   202.06 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600V, 120mA, Single-Pole, Normally Open Relay

CPC1593 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1593 Datasheet PDF - Littelfuse

Part # CPC1593
Download  CPC1593 Click to download

File Size   202.06 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600V, 120mA, Single-Pole, Normally Open Relay

CPC1593 Datasheet (HTML) - Littelfuse


CPC1593 Product details

Features
• Integrated Active Current-Limit with
Over-Voltage Protection
• Thermal Regulation
• 600VP Blocking Voltage
• Guaranteed Turn-On: 2mA Input Control Current
• 3750Vrms Input/Output Isolation
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation

Applications
• In-Rush Current Control
• Heating, Ventilation, Air Conditioning Control (HVAC)
• Security Systems
• Power Supplies
• Home Appliances
• IC Equipment Protection
• Instrumentation
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls

Description
The CPC1593 is a normally open (1-Form-A)
Solid State Relay that incorporates load current
limiting with over-voltage protection and thermal
management. This self-resetting triple protection
scheme protects not only the CPC1593’s load,
but also the CPC1593 itself, thus creating a highly
effective switching mechanism that is designed to
survive in the harshest operating environments.
Over-voltage protection is activated when the voltage
across the switch is greater than 21V and the
device is in current limit. The over-voltage protection
deactivates the switch while allowing a restricted
load current of less than 100A to fl ow. When the
voltage across the switch falls below the over-voltage
threshold, the switches reactivate. If the fault persists,
then these responses will repeat.
The CPC1593 is designed for use in AC
environments where fault conditions can persist for
long periods of time, and where, upon removal of
the fault, return to normal operation is expected. The
CPC1593 is designed to survive extended power
cross conditions.




Similar Part No. - CPC1593

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1593 IXYS-CPC1593 Datasheet
134Kb / 8P
Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1593G IXYS-CPC1593G Datasheet
134Kb / 8P
Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1593GS IXYS-CPC1593GS Datasheet
134Kb / 8P
Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1593GSTR IXYS-CPC1593GSTR Datasheet
134Kb / 8P
Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
More results


Similar Description - CPC1593

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA100 IXYS-LCA100 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
IXYS Corporation
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com