Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1403C Datasheet (PDF) - Renesas Technology Corp

SLG59H1403C Datasheet PDF - Renesas Technology Corp
Part # SLG59H1403C
Download  SLG59H1403C Download
File Size   1531.48 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Input Single Output, 3 A Power Multiplexer

SLG59H1403C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59H1403C Datasheet PDF - Renesas Technology Corp

Part # SLG59H1403C
Download  SLG59H1403C Click to download

File Size   1531.48 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Input Single Output, 3 A Power Multiplexer

SLG59H1403C Datasheet (HTML) - Renesas Technology Corp


SLG59H1403C Product details

• Two 3 A load switches with common output
• Two Integrated VGS Charge Pumps
• Wide operating range: 2.8 V to 22 V
• Adjustable output soft start time (SS)
• Low RDSON: 52 mΩ (typical)
• Adjustable priority
• Accuracy < ±5%
• Adjustable Overvoltage Protection
• Accuracy < ±5%
• Channel status indication (ST)
• Undervoltage Lockout
• True Reverse-Current Blocking
• Protected by thermal shutdown and adjustable current limit
• 1.585 mm x 1.985 mm, 0.4 mm pitch, 20L WLCSP
• Pb-Free / Halogen-Free / RoHS Compliant




Similar Part No. - SLG59H1403C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59H1403C RENESAS-SLG59H1403C Datasheet
1Mb / 37P
Dual Input Single Output, 3 A Power Multiplexer
25-Aug-2022
SLG59H1403CTR RENESAS-SLG59H1403CTR Datasheet
1Mb / 37P
Dual Input Single Output, 3 A Power Multiplexer
25-Aug-2022
More results


Similar Description - SLG59H1403C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
Dual 4-input multiplexer 3-State
1991 Feb 08
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
Dual 4-input multiplexer 3-State
1996 Jan 05
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
Dual 4-input multiplexer; 3-state
December 1990
74HC253 NXP-74HC253 Datasheet
164Kb / 17P
Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
logo
Richtek Technology Corp...
RT9705 RICHTEK-RT9705 Datasheet
185Kb / 11P
The RT9705 is a dual input single output power multiplexer
RT9705B RICHTEK-RT9705B Datasheet
294Kb / 12P
The RT9705B is a dual input single output power
logo
uPI Group Inc.
UP7537 UPI-UP7537 Datasheet
218Kb / 14P
Dual-Input Triple-Output Power Multiplexer
logo
Renesas Technology Corp
SLG59H1401 RENESAS-SLG59H1401 Datasheet
1Mb / 39P
Dual Input Single Output, 3 A Power Multiplexer
25-Aug-2022
SLG59H1403 RENESAS-SLG59H1403 Datasheet
1Mb / 37P
Dual Input Single Output, 3 A Power Multiplexer
25-Aug-2022
logo
Nexperia B.V. All right...
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com