Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD-M30-24WD15. Datasheet (PDF) - TDK Electronics

PXD-M30-24WD15. Datasheet PDF - TDK Electronics
Part # PXD-M30-24WD15.
Download  PXD-M30-24WD15. Download
File Size   635.15 Kbytes
Page   5 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 30W Medical and Industrial DC-DC Converters

PXD-M30-24WD15. Datasheet (PDF)

Go To PDF Page Download Datasheet
PXD-M30-24WD15. Datasheet PDF - TDK Electronics

Part # PXD-M30-24WD15.
Download  PXD-M30-24WD15. Click to download

File Size   635.15 Kbytes
Page   5 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 30W Medical and Industrial DC-DC Converters

PXD-M30-24WD15. Datasheet (HTML) - TDK Electronics


PXD-M30-24WD15. Product details

Features
• Wide 4:1 Input Range
• Compact 2” x 1” Industry Package
• Certifi ed to IEC 60601-1 and IEC 62368-1
• 2 x MOPP Isolation
• Low No Load Power Consumption




Similar Part No. - PXD-M30-24WD15.

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD-M30-24WD15 TDK-PXD-M30-24WD15 Datasheet
283Kb / 2P
DC-DC Converters
More results


Similar Description - PXD-M30-24WD15.

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
30W, Triple Output DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
30W Isolated Wide-Range DC/DC Converters
logo
TDK Electronics
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXC-M10 TDK-PXC-M10 Datasheet
625Kb / 2P
10W Medical & Industrial DC-DC Converters
logo
Artesyn Technologies
EXB30-24D05-3V3 ARTESYN-EXB30-24D05-3V3 Datasheet
71Kb / 2P
30W High Efficiency DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
30W Wide Voltage Input DC/DC Converters
logo
Wall Industries,Inc.
LANE6KV WALL-LANE6KV_16 Datasheet
513Kb / 5P
1 Watt Medical & Industrial DC/DC Power Converters
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com